Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1139 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1139 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1135Page - Renesas Technology Corp SH7261 Datasheet HTML 1136Page - Renesas Technology Corp SH7261 Datasheet HTML 1137Page - Renesas Technology Corp SH7261 Datasheet HTML 1138Page - Renesas Technology Corp SH7261 Datasheet HTML 1139Page - Renesas Technology Corp SH7261 Datasheet HTML 1140Page - Renesas Technology Corp SH7261 Datasheet HTML 1141Page - Renesas Technology Corp SH7261 Datasheet HTML 1142Page - Renesas Technology Corp SH7261 Datasheet HTML 1143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1139 / 1348 page
background image
Section 25 Pin Function Controller (PFC)
Rev. 2.00 Sep. 07, 2007 Page 1107 of 1312
REJ09B0320-0200
25.1.7
Port D I/O Register (PDIOR)
PDIOR are 16-bit readable/writable registers that select the I/O direction for the port D pins. Bits
PD14IOR to PD0IOR correspond to pins PD14 to PD0, respectively. PDIOR are enabled when the
function of the port D pins is set to general-purpose I/O (PD14 to PD0) and to TIOC I/O (MTU2)
by PDCR, and are disabled in other cases. When a bit in PDIOR is set to 1, the corresponding pin
is set to output, and when set to 0, the pin is set to input.
Bits 15 in PDIOR is reserved. These bits are always read as 0. The write value should always be 0.
PDIOR are initialized to H'0000 by a power-on reset or by switching to deep standby mode. These
registers are not initialized either by a manual reset or by switching to sleep mode or software
standby mode.
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
—
PD14
IOR
PD13
IOR
PD12
IOR
PD11
IOR
PD10
IOR
PD9
IOR
PD8
IOR
PD7
IOR
PD6
IOR
PD5
IOR
PD4
IOR
PD3
IOR
PD2
IOR
PD1
IOR
PD0
IOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com