Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 149Page - Renesas Technology Corp SH7261 Datasheet HTML 150Page - Renesas Technology Corp SH7261 Datasheet HTML 151Page - Renesas Technology Corp SH7261 Datasheet HTML 152Page - Renesas Technology Corp SH7261 Datasheet HTML 153Page - Renesas Technology Corp SH7261 Datasheet HTML 154Page - Renesas Technology Corp SH7261 Datasheet HTML 155Page - Renesas Technology Corp SH7261 Datasheet HTML 156Page - Renesas Technology Corp SH7261 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 1348 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 07, 2007 Page 121 of 1312
REJ09B0320-0200
6.2
Input/Output Pins
Table 6.1 shows the pin configuration of the INTC.
Table 6.1
Pin Configuration
Pin Name
Symbol
I/O
Function
Nonmaskable interrupt input
pin
NMI
Input
Input of nonmaskable interrupt
request signal
IRQ7 to IRQ0
Input
Interrupt request input pins
PINT7 to PINT0
Input
Input of maskable interrupt request
signals
6.3
Register Descriptions
The INTC has the following registers. These registers are used to set the interrupt priorities and
control detection of the external interrupt input signal.
Table 6.2
Register Configuration
Register Name
Abbreviation R/W
Initial
Value
Address
Access
Size
Interrupt control register 0
ICR0
R/W
*
1
H'FFFD9400
16, 32
Interrupt control register 1
ICR1
R/W
H'0000
H'FFFD9402
16
Interrupt control register 2
ICR2
R/W
H'0000
H'FFFD9404
16, 32
IRQ interrupt request register
IRQRR
R/(W)*
2
H'0000
H'FFFD9406
16
PINT interrupt enable register
PINTER
R/W
H'0000
H'FFFD9408
16, 32
PINT interrupt request register
PIRR
R
H'0000
H'FFFD940A
16
Bank control register
IBCR
R/W
H'0000
H'FFFD940C
16, 32
Bank number register
IBNR
R/W
H'0000
H'FFFD940E
16
Interrupt priority register 01
IPR01
R/W
H'0000
H'FFFD9418
16, 32
Interrupt priority register 02
IPR02
R/W
H'0000
H'FFFD941A
16
Interrupt priority register 05
IPR05
R/W
H'0000
H'FFFD9420
16
Interrupt priority register 06
IPR06
R/W
H'0000
H'FFFD9800
16, 32
Interrupt priority register 07
IPR07
R/W
H'0000
H'FFFD9802
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com