Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804 Datasheet(HTML) 53 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 49Page - Texas Instruments AFE5804 Datasheet HTML 50Page - Texas Instruments AFE5804 Datasheet HTML 51Page - Texas Instruments AFE5804 Datasheet HTML 52Page - Texas Instruments AFE5804 Datasheet HTML 53Page - Texas Instruments AFE5804 Datasheet HTML 54Page - Texas Instruments AFE5804 Datasheet HTML 55Page - Texas Instruments AFE5804 Datasheet HTML 56Page - Texas Instruments AFE5804 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
ADC
V
CM0
(+2.5V)
Amplifier
0
90
IandQ
Channel
ADC
AFE5804
CWOut
8InBy10Out
CW0
CW1
CW2
CW3
CW4
CW5
CW6
CW7
CW8
CW9
AFE5804
CWOut
8InBy10Out
CW0
CW1
CW2
CW3
CW4
CW5
CW6
CW7
CW8
CW9
Passive
Delay
Line
Clock
L=220 H
m
AFE5804
www.ti.com ................................................................................................................................................ SBOS442A – JUNE 2008 – REVISED SEPTEMBER 2008
The resulting signal current then passes through the
After summing, the CW signal path further consists of
8×10 switch matrix. Depending on the programmed
a high dynamic range mixer for down-conversion to
configuration of the switch matrix, any V/I amplifier
I/Q base-band signals. The I/Q signals are then
current output can be connected to any of 10 CW
band-limited (that is, low-frequency contents are
outputs. This design is a simple current-summing
removed) in a filter stage that precedes a pair of
circuit such that each CW output can represent the
high-resolution, low sample rate ADCs.
sum of any or all of the channel currents. The CW
outputs are typically routed to a passive LC delay
line, allowing coherent summing of the signals.
Figure 102. Conceptual CW Doppler Signal Path Using Current Summing and a Passive Delay Line for
Beam-Forming
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com