Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804 Datasheet(HTML) 15 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 11Page - Texas Instruments AFE5804 Datasheet HTML 12Page - Texas Instruments AFE5804 Datasheet HTML 13Page - Texas Instruments AFE5804 Datasheet HTML 14Page - Texas Instruments AFE5804 Datasheet HTML 15Page - Texas Instruments AFE5804 Datasheet HTML 16Page - Texas Instruments AFE5804 Datasheet HTML 17Page - Texas Instruments AFE5804 Datasheet HTML 18Page - Texas Instruments AFE5804 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
400
350
300
250
200
150
100
50
0
0
0.1
1.2
V
(V)
CNTL
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
Frequency=5MHz
TGCIIMode,LowNoise
PGA= 30dB
PGA= 20dB
300
250
200
150
100
50
0
0
0.1
1.2
V
(V)
CNTL
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
Frequency=2MHz
PWMode
PGA= 30dB
PGA= 20dB
300
250
200
150
100
50
0
0
0.1
1.2
V
(V)
CNTL
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
Frequency=5MHz
PWMode
PGA= 30dB
PGA= 20dB
200
180
160
140
120
100
80
60
40
20
0
0
0.1
1.2
V
(V)
CNTL
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
Frequency=2MHz
TGCIIMode,LowPower
PGA= 30dB
PGA= 20dB
200
180
160
140
120
100
80
60
40
20
0
0
0.1
1.2
V
(V)
CNTL
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
PGA= 30dB
PGA= 20dB
Frequency=5MHz
TGCIIMode,LowPower
160
140
120
100
80
60
40
20
0
0
0.1
1.2
V
(V)
CNTL
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
PGA= 30dB
PGA= 20dB
Frequency=2MHz
PWMode
AFE5804
www.ti.com ................................................................................................................................................ SBOS442A – JUNE 2008 – REVISED SEPTEMBER 2008
TYPICAL CHARACTERISTICS (continued)
AVDD_5V = 5.0V, AVDD1 = VDD2 = DVDD = 3.3V, LVDD = 1.8V, single-ended input into LNA, ac-coupled with 1.0
µF,
VCNTL = 1.0V, fIN 5MHz, Clock = 40MSPS, 50% duty cycle, internal reference mode, ISET = 56kΩ, LVDS buffer setting =
3.5mA, at ambient temperature TA = +25°C, unless otherwise noted.
OUTPUT-REFERRED NOISE vs VCNTL
OUTPUT-REFERRED NOISE vs VCNTL
Figure 7.
Figure 8.
OUTPUT-REFERRED NOISE vs VCNTL
INPUT-REFERRED NOISE vs VCNTL
Figure 9.
Figure 10.
INPUT-REFERRED NOISE vs VCNTL
INPUT-REFERRED NOISE vs VCNTL
Figure 11.
Figure 12.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com