Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804 Datasheet(HTML) 54 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 50Page - Texas Instruments AFE5804 Datasheet HTML 51Page - Texas Instruments AFE5804 Datasheet HTML 52Page - Texas Instruments AFE5804 Datasheet HTML 53Page - Texas Instruments AFE5804 Datasheet HTML 54Page - Texas Instruments AFE5804 Datasheet HTML 55Page - Texas Instruments AFE5804 Datasheet HTML 56Page - Texas Instruments AFE5804 Datasheet HTML 57Page - Texas Instruments AFE5804 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
CLOCK INPUT
5kW
5kW
VCM
CLKP
CLKM
VCM
CLKP
CLKM
DifferentialSine-Wave,
PECL,orLVDSClockInput
0.1 F
m
0.1 F
m
CLKP
CLKM
CMOSSingle-Ended
Clock
0V
CLKP
CLKM
CMOSClockInput
0.1 F
m
0.1 F
m
AFE5804
SBOS442A – JUNE 2008 – REVISED SEPTEMBER 2008 ................................................................................................................................................ www.ti.com
The eight channels on the device operate from a
single clock input. To ensure that the aperture delay
and jitter are the same for all channels, the AFE5804
uses a clock tree network to generate individual
sampling clocks to each channel. The clock paths for
all the channels are matched from the source point to
the sampling circuit. This architecture ensures that
the performance and timing for all channels are
identical. The use of the clock tree for matching
introduces an aperture delay that is defined as the
delay between the rising edge of FCLK and the actual
instant of sampling. The aperture delays for all the
channels are matched to the best possible extent. A
mismatch of ±20ps (±3
σ) could exist between the
aperture instants of the eight ADCs within the same
Figure 104. Internal Clock Buffer
chip. However, the aperture delays of ADCs across
two
different
chips
can
be
several
hundred
picoseconds apart.
The
AFE5804
can
operate
either
in
CMOS
single-ended clock mode (default is DIFF_CLK = 0)
or differential clock mode (SINE, LVPECL, or LVDS).
In the single-ended clock mode, CLKM must be
forced to 0VDC, and the single-ended CMOS applied
on the CLKP pin. Figure 103 shows this operation.
Figure 105. Differential Clock Driving Circuit
(DIFF_CLK = 1)
Figure 103. Single-Ended Clock Driving Circuit
(DIFF_CLK = 0)
When configured for the differential clock mode
(register bit DIFF_CLK = 1) the AFE5804 clock inputs
Figure 106. Single-Ended Clock Driving Circuit
can be driven differentially (SINE, LVPECL, or LVDS)
When DIFF_CLK = 1
with little or no difference in performance between
them,
or
with
a
single-ended
(LVCMOS).
The
For best performance, the clock inputs must be
common-mode voltage of the clock inputs is set to
driven
differentially,
reducing
susceptibility
to
VCM using internal 5k
Ω resistors, as shown in
common-mode
noise.
For
high
input
frequency
Figure
104.
This
method
allows
using
sampling, it is recommended to use a clock source
transformer-coupled drive circuits for a sine wave
with very low jitter. Bandpass filtering of the clock
clock or ac-coupling for LVPECL and LVDS clock
source can help reduce the effect of jitter. If the duty
sources, as shown in Figure 105 and Figure 106.
cycle deviates from 50% by more than 2% or 3%, it is
When operating in the differential clock mode, the
recommended to enable the DCC through register bit
single-ended CMOS clock can be ac-coupled to the
EN_DCC.
CLKP input, with CLKM connected to ground with a
0.1
µF capacitor, as Figure 106 shows.
54
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com