Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804 Datasheet(HTML) 31 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 27Page - Texas Instruments AFE5804 Datasheet HTML 28Page - Texas Instruments AFE5804 Datasheet HTML 29Page - Texas Instruments AFE5804 Datasheet HTML 30Page - Texas Instruments AFE5804 Datasheet HTML 31Page - Texas Instruments AFE5804 Datasheet HTML 32Page - Texas Instruments AFE5804 Datasheet HTML 33Page - Texas Instruments AFE5804 Datasheet HTML 34Page - Texas Instruments AFE5804 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
SERIAL REGISTER MAP
AFE5804
www.ti.com ................................................................................................................................................ SBOS442A – JUNE 2008 – REVISED SEPTEMBER 2008
Table 2. SUMMARY OF FUNCTIONS SUPPORTED BY SERIAL INTERFACE(1)(2)(3)(4)
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
DESCRIPTION
DEFAULT
00
X
S_RST
Self-clearing software RESET.
Inactive
RES_
03
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VCA
VCA_SDATA
D5 = 1
16
X
X
X
X
X
X
X
X
X
X
X
X
X
X
1
1
See Table 4 information
<0:15>
(TGC mode)
VCA_SDATA
17
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
See Table 4 information
<16:31>
VCA_DATA
18
X
X
X
X
X
X
X
X
See Table 4 information
<32:39>
Channel-specific ADC
X
X
X
X
PDN_CH<1:4>
Inactive
power-down mode.
Channel-specific ADC
x
X
X
X
X
PDN_CH<8:5>
Inactive
power-down mode.
Partial power-down mode (fast
0F
X
PDN_PARTIAL
Inactive
recovery from power-down).
Register mode for complete
0
X
PDN_COMPLETE
Inactive
power-down (slower recovery).
Configures the PD pin for
Complete
X
0
PDN_PIN_CFG
partial power-down mode.
power-down
LVDS current drive
X
X
X
ILVDS_LCLK<2:0>
programmability for LCLKM
3.5mA drive
and LCLKP pins.
LVDS current drive
ILVDS_FRAME
11
X
X
X
programmability for FCLKM
3.5mA drive
<2:0>
and FCLKP pins.
LVDS current drive
X
X
X
ILVDS_DAT<2:0>
programmability for OUTM and
3.5mA drive
OUTP pins.
Enables internal termination
Termination
X
EN_LVDS_TERM
for LVDS buffers.
disabled
Programmable termination for
Termination
1
X
X
X
TERM_LCLK<2:0>
LCLKM and LCLKP buffers.
disabled
12
TERM_FRAME
Programmable termination for
Termination
1
X
X
X
<2:0>
FCLKM and FCLKP buffers.
disabled
Programmable termination for
Termination
1
X
X
X
TERM_DAT<2:0>
OUTM and OUTP buffers.
disabled
Channel-specific,
X
X
X
X
LFNS_CH<1:4>
low-frequency noise
Inactive
suppression mode enable.
14
Channel-specific,
x
X
X
X
X
LFNS_CH<8:5>
low-frequency noise
Inactive
suppression mode enable.
Enables a repeating full-scale
X
0
0
EN_RAMP
Inactive
ramp pattern on the outputs.
Enables the mode wherein the
DUALCUSTOM_
0
X
0
output toggles between two
Inactive
PAT
defined codes.
Enables the mode wherein the
SINGLE_CUSTOM
0
0
X
output is a constant specified
Inactive
25
_PAT
code.
2MSBs for a single custom
BITS_CUSTOM1
pattern (and for the first code
X
X
Inactive
<11:10>
of the dual custom pattern).
<11> is the MSB.
BITS_CUSTOM2
2MSBs for the second code of
X
X
Inactive
<11:10>
the dual custom pattern.
10 lower bits for the single
BITS_CUSTOM1
custom pattern (and for the
26
X
X
X
X
X
X
X
X
X
X
Inactive
<9:0>
first code of the dual custom
pattern). <0> is the LSB.
10 lower bits for the second
BITS_CUSTOM2
27
X
X
X
X
X
X
X
X
X
X
code of the dual custom
Inactive
<9:0>
pattern.
(1)
The unused bits in each register (identified as blank table cells) must be programmed as '0'.
(2)
X = Register bit referenced by the corresponding name and description (default is 0).
(3)
Bits marked as '0' should be forced to 0, and bits marked as '1' should be forced to 1 when the particular register is programmed.
(4)
Multiple functions in a register should be programmed in a single write operation.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com