Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 130Page - Renesas Technology Corp HD64F2149 Datasheet HTML 131Page - Renesas Technology Corp HD64F2149 Datasheet HTML 132Page - Renesas Technology Corp HD64F2149 Datasheet HTML 133Page - Renesas Technology Corp HD64F2149 Datasheet HTML 134Page - Renesas Technology Corp HD64F2149 Datasheet HTML 135Page - Renesas Technology Corp HD64F2149 Datasheet HTML 136Page - Renesas Technology Corp HD64F2149 Datasheet HTML 137Page - Renesas Technology Corp HD64F2149 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 1075 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jan 18, 2006 page 106 of 1044
REJ09B0280-0300
5.2.2
Interrupt Control Registers A to C (ICRA to ICRC)
7
ICR7
0
R/W
6
ICR6
0
R/W
5
ICR5
0
R/W
4
ICR4
0
R/W
3
ICR3
0
R/W
0
ICR0
0
R/W
2
ICR2
0
R/W
1
ICR1
0
R/W
Bit
Initial value
Read/Write
The ICR registers are three 8-bit readable/writable registers that set the interrupt control level for
interrupts other than NMI and address break.
The correspondence between ICR settings and interrupt sources is shown in table 5.3.
The ICR registers are initialized to H'00 by a reset and in hardware standby mode.
Bit n—Interrupt Control Level (ICRn): Sets the control level for the corresponding interrupt
source.
Bit n
ICRn
Description
0
Corresponding interrupt source is control level 0 (non-priority)
(Initial value)
1
Corresponding interrupt source is control level 1 (priority)
(n = 7 to 0)
Table 5.3
Correspondence between Interrupt Sources and ICR Settings
Bits
Register 765
432
10
ICRA
IRQ0
IRQ1
IRQ2
IRQ3
IRQ4
IRQ5
IRQ6
IRQ7
DTC
Watchdog
timer 0
Watchdog
timer 1
ICRB
A/D
converter
Free-
running
timer
—
—
8-bit
timer
channel 0
8-bit
timer
channel 1
8-bit
timer
channels
X, Y
HIF:XBS
Keyboard
buffer
controller
ICRC
SCI
channel 0
SCI
channel 1
SCI
channel 2
IIC
channel 0
IIC
channel 1
—
HIF:LPC
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com