Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 131Page - Renesas Technology Corp HD64F2149 Datasheet HTML 132Page - Renesas Technology Corp HD64F2149 Datasheet HTML 133Page - Renesas Technology Corp HD64F2149 Datasheet HTML 134Page - Renesas Technology Corp HD64F2149 Datasheet HTML 135Page - Renesas Technology Corp HD64F2149 Datasheet HTML 136Page - Renesas Technology Corp HD64F2149 Datasheet HTML 137Page - Renesas Technology Corp HD64F2149 Datasheet HTML 138Page - Renesas Technology Corp HD64F2149 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 1075 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jan 18, 2006 page 107 of 1044
REJ09B0280-0300
5.2.3
IRQ Enable Register (IER)
7
IRQ7E
0
R/W
6
IRQ6E
0
R/W
5
IRQ5E
0
R/W
4
IRQ4E
0
R/W
3
IRQ3E
0
R/W
0
IRQ0E
0
R/W
2
IRQ2E
0
R/W
1
IRQ1E
0
R/W
Bit
Initial value
Read/Write
IER is an 8-bit readable/writable register that controls enabling and disabling of interrupt requests
IRQ7 to IRQ0.
IER is initialized to H'00 by a reset and in hardware standby mode.
Bits 7 to 0—IRQ7 to IRQ0 Enable (IRQ7E to IRQ0E): These bits select whether IRQ7 to
IRQ0 are enabled or disabled.
Bit n
IRQnE
Description
0
IRQn interrupt disabled
(Initial value)
1
IRQn interrupt enabled
(n = 7 to 0)
5.2.4
IRQ Sense Control Registers H and L (ISCRH, ISCRL)
• ISCRH
15
IRQ7SCB
0
R/W
14
IRQ7SCA
0
R/W
13
IRQ6SCB
0
R/W
12
IRQ6SCA
0
R/W
11
IRQ5SCB
0
R/W
8
IRQ4SCA
0
R/W
10
IRQ5SCA
0
R/W
9
IRQ4SCB
0
R/W
Bit
Initial value
Read/Write
• ISCRL
7
IRQ3SCB
0
R/W
6
IRQ3SCA
0
R/W
5
IRQ2SCB
0
R/W
4
IRQ2SCA
0
R/W
3
IRQ1SCB
0
R/W
0
IRQ0SCA
0
R/W
2
IRQ1SCA
0
R/W
1
IRQ0SCB
0
R/W
Bit
Initial value
Read/Write
ISCRH and ISCRL are 8-bit readable/writable registers that select rising edge, falling edge, or
both edge detection, or level sensing, for the input at pins
IRQ7 to IRQ0.
Each of the ISCR registers is initialized to H'00 by a reset and in hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com