Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 142Page - Renesas Technology Corp HD64F2149 Datasheet HTML 143Page - Renesas Technology Corp HD64F2149 Datasheet HTML 144Page - Renesas Technology Corp HD64F2149 Datasheet HTML 145Page - Renesas Technology Corp HD64F2149 Datasheet HTML 146Page - Renesas Technology Corp HD64F2149 Datasheet HTML 147Page - Renesas Technology Corp HD64F2149 Datasheet HTML 148Page - Renesas Technology Corp HD64F2149 Datasheet HTML 149Page - Renesas Technology Corp HD64F2149 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 1075 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jan 18, 2006 page 118 of 1044
REJ09B0280-0300
5.3.3
Interrupt Exception Vector Table
Table 5.4 shows interrupt exception handling sources, vector addresses, and interrupt priorities.
For default priorities, the lower the vector number, the higher the priority.
Priorities among modules can be set by means of ICR. The situation when two or more modules
are set to the same priority, and priorities within a module, are fixed as shown in table 5.4.
Table 5.4
Interrupt Sources, Vector Addresses, and Interrupt Priorities
Vector Address
Interrupt Source
Origin of
Interrupt
Source
Vector
Number
Normal
Mode
Advanced
Mode
ICR
Priority
NMI
7
H'000E
H'00001C
High
IRQ0
External
pin
16
H'0020
H'000040
ICRA7
IRQ1
17
H'0022
H'000044
ICRA6
IRQ2
IRQ3
18
19
H'0024
H'0026
H'000048
H'00004C
ICRA5
IRQ4
IRQ5
20
21
H'0028
H'002A
H'000050
H'000054
ICRA4
IRQ6, KIN7 to KIN0
IRQ7, KIN15 to KIN8, WUE7 to
WUE0
22
23
H'002C
H'002E
H'000058
H'00005C
ICRA3
SWDTEND (software activation
interrupt end)
DTC
24
H'0030
H'000060
ICRA2
WOVI0 (interval timer)
Watchdog
timer 0
25
H'0032
H'000064
ICRA1
WOVI1 (interval timer)
Watchdog
timer 1
26
H'0034
H'000068
ICRA0
Address break (PC break)
—
27
H'0036
H'00006C
ADI (A/D conversion end)
A/D
28
H'0038
H'000070
ICRB7
Reserved
—
29
to
47
H'003A
to
H'005E
H'000074
to
H'0000BC
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com