Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 143Page - Renesas Technology Corp HD64F2149 Datasheet HTML 144Page - Renesas Technology Corp HD64F2149 Datasheet HTML 145Page - Renesas Technology Corp HD64F2149 Datasheet HTML 146Page - Renesas Technology Corp HD64F2149 Datasheet HTML 147Page - Renesas Technology Corp HD64F2149 Datasheet HTML 148Page - Renesas Technology Corp HD64F2149 Datasheet HTML 149Page - Renesas Technology Corp HD64F2149 Datasheet HTML 150Page - Renesas Technology Corp HD64F2149 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 1075 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jan 18, 2006 page 119 of 1044
REJ09B0280-0300
Vector Address
Interrupt Source
Origin of
Interrupt
Source
Vector
Number
Normal
Mode
Advanced
Mode
ICR
Priority
ICIA (input capture A)
ICIB (input capture B)
ICIC (input capture C)
ICID (input capture D)
OCIA (output compare A)
OCIB (output compare B)
FOVI (overflow)
Reserved
Free-
running
timer
48
49
50
51
52
53
54
55
H'0060
H'0062
H'0064
H'0066
H'0068
H'006A
H'006C
H'006E
H'0000C0
H'0000C4
H'0000C8
H'0000CC
H'0000D0
H'0000D4
H'0000D8
H'0000DC
ICRB6 High
Reserved
—
56
to
63
H'0070
to
H'007E
H'0000E0
to
H'0000FC
CMIA0 (compare-match A)
CMIB0 (compare-match B)
OVI0 (overflow)
Reserved
8-bit timer
channel 0
64
65
66
67
H'0080
H'0082
H'0084
H'0086
H'000100
H'000104
H'000108
H'00010C
ICRB3
CMIA1 (compare-match A)
CMIB1 (compare-match B)
OVI1 (overflow)
Reserved
8-bit timer
channel 1
68
69
70
71
H'0088
H'008A
H'008C
H'008E
H'000110
H'000114
H'000118
H'00011C
ICRB2
CMIAY (compare-match A)
CMIBY (compare-match B)
OVIY (overflow)
ICIX (input capture X)
8-bit timer
channels
Y, X
72
73
74
75
H'0090
H'0092
H'0094
H'0096
H'000120
H'000124
H'000128
H'00012C
ICRB1
IBF1 (IDR1 reception completed)
IBF2 (IDR2 reception completed)
IBF3 (IDR3 reception completed)
IBF4 (IDR4 reception completed)
Host
interface
(XBS)
76
77
78
79
H'0098
H'009A
H'009C
H'009E
H'000130
H'000134
H'000138
H'00013C
ICRB0
ERI0 (receive error 0)
RXI0 (reception completed 0)
TXI0 (transmit data empty 0)
TEI0 (transmission end 0)
SCI
channel 0
80
81
82
83
H'00A0
H'00A2
H'00A4
H'00A6
H'000140
H'000144
H'000148
H'00014C
ICRC7
ERI1 (receive error 1)
RXI1 (reception completed 1)
TXI1 (transmit data empty 1)
TEI1 (transmission end 1)
SCI
channel 1
84
85
86
87
H'00A8
H'00AA
H'00AC
H'00AE
H'000150
H'000154
H'000158
H'00015C
ICRC6
ERI2 (receive error 2)
RXI2 (reception completed 2)
TXI2 (transmit data empty 2)
TEI2 (transmission end 2)
SCI
channel 2
88
89
90
91
H'00B0
H'00B2
H'00B4
H'00B6
H'000160
H'000164
H'000168
H'00016C
ICRC5
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com