Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 183Page - Renesas Technology Corp HD64F2149 Datasheet HTML 184Page - Renesas Technology Corp HD64F2149 Datasheet HTML 185Page - Renesas Technology Corp HD64F2149 Datasheet HTML 186Page - Renesas Technology Corp HD64F2149 Datasheet HTML 187Page - Renesas Technology Corp HD64F2149 Datasheet HTML 188Page - Renesas Technology Corp HD64F2149 Datasheet HTML 189Page - Renesas Technology Corp HD64F2149 Datasheet HTML 190Page - Renesas Technology Corp HD64F2149 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 1075 page
background image
Section 6 Bus Controller
Rev. 3.00 Jan 18, 2006 page 159 of 1044
REJ09B0280-0300
6.4.5
Wait Control
When accessing external space, the MCU can extend the bus cycle by inserting one or more wait
states (T
W). There are three ways of inserting wait states: program wait insertion, pin wait insertion
using the
WAIT pin, and a combination of the two.
Program Wait Mode
In program wait mode, the number of T
W states specified by bits WC1 and WC0 are always
inserted between the T
2 and T3 states when external space is accessed.
Pin Wait Mode
In pin wait mode, the number of T
W states specified by bits WC1 and WC0 are always inserted
between the T
2 and T3 states when external space is accessed. If the WAIT pin is low at the fall of
φ in the last T
2 or TW state, another TW state is inserted. If the WAIT pin is held low, TW states are
inserted until it goes high.
Pin wait mode is useful for inserting four or more wait states, or for changing the number of T
W
states for different external devices.
Pin Auto-Wait Mode
In pin auto-wait mode, if the
WAIT pin is low at the fall of φ in the T
2 state, the number of TW
states specified by bits WC1 and WC0 are inserted when external space is accessed. No additional
T
W states are inserted even if the WAIT pin remains low. Pin auto-wait mode can be used for an
easy interface to low-speed memory, simply by routing the chip select signal to the
WAIT pin.
Figure 6.13 shows an example of wait state insertion timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com