Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 189 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 185Page - Renesas Technology Corp HD64F2149 Datasheet HTML 186Page - Renesas Technology Corp HD64F2149 Datasheet HTML 187Page - Renesas Technology Corp HD64F2149 Datasheet HTML 188Page - Renesas Technology Corp HD64F2149 Datasheet HTML 189Page - Renesas Technology Corp HD64F2149 Datasheet HTML 190Page - Renesas Technology Corp HD64F2149 Datasheet HTML 191Page - Renesas Technology Corp HD64F2149 Datasheet HTML 192Page - Renesas Technology Corp HD64F2149 Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 1075 page
background image
Section 6 Bus Controller
Rev. 3.00 Jan 18, 2006 page 161 of 1044
REJ09B0280-0300
6.5
Burst ROM Interface
6.5.1
Overview
With the H8S/2169 or H8S/2149, external space area 0 can be designated as burst ROM space,
and burst ROM interfacing can be performed.
External space can be designated as burst ROM space by means of the BRSTRM bit in BCR.
Consecutive burst accesses of a maximum of 4 words or 8 words can be performed for CPU
instruction fetches only. One or two states can be selected for burst access.
6.5.2
Basic Timing
The number of states in the initial cycle (full access) of the burst ROM interface is in accordance
with the setting of the AST bit. Also, when the AST bit is set to 1, wait state insertion is possible.
One or two states can be selected for the burst cycle, according to the setting of the BRSTS1 bit in
BCR. Wait states cannot be inserted.
When the BRSTS0 bit in BCR is cleared to 0, burst access of up to 4 words is performed; when
the BRSTS0 bit is set to 1, burst access of up to 8 words is performed.
The basic access timing for burst ROM space is shown in figures 6.14 (a) and (b). The timing
shown in figure 6.14 (a) is for the case where the AST and BRSTS1 bits are both set to 1, and that
in figure 6.14 (b) is for the case where both these bits are cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com