Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 189Page - Renesas Technology Corp HD64F2149 Datasheet HTML 190Page - Renesas Technology Corp HD64F2149 Datasheet HTML 191Page - Renesas Technology Corp HD64F2149 Datasheet HTML 192Page - Renesas Technology Corp HD64F2149 Datasheet HTML 193Page - Renesas Technology Corp HD64F2149 Datasheet HTML 194Page - Renesas Technology Corp HD64F2149 Datasheet HTML 195Page - Renesas Technology Corp HD64F2149 Datasheet HTML 196Page - Renesas Technology Corp HD64F2149 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 1075 page
background image
Section 6 Bus Controller
Rev. 3.00 Jan 18, 2006 page 165 of 1044
REJ09B0280-0300
6.7
Bus Arbitration
6.7.1
Overview
The H8S/2169 or H8S/2149 has a bus arbiter that arbitrates bus master operations.
There are two bus masters, the CPU and the DTC, which perform read/write operations when they
have possession of the bus. Each bus master requests the bus by means of a bus request signal. The
bus arbiter determines priorities at the prescribed timing, and permits use of the bus by means of a
bus request acknowledge signal. The selected bus master then takes possession of the bus and
begins its operation.
6.7.2
Operation
The bus arbiter detects the bus masters’ bus request signals, and if the bus is requested, sends a bus
request acknowledge signal to the bus master making the request. If there are bus requests from
both bus masters, the bus request acknowledge signal is sent to the one with the higher priority.
When a bus master receives the bus request acknowledge signal, it takes possession of the bus
until that signal is canceled.
The order of priority of the bus masters is as follows:
(High)
DTC
>
CPU
(Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com