Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 210Page - Renesas Technology Corp HD64F2149 Datasheet HTML 211Page - Renesas Technology Corp HD64F2149 Datasheet HTML 212Page - Renesas Technology Corp HD64F2149 Datasheet HTML 213Page - Renesas Technology Corp HD64F2149 Datasheet HTML 214Page - Renesas Technology Corp HD64F2149 Datasheet HTML 215Page - Renesas Technology Corp HD64F2149 Datasheet HTML 216Page - Renesas Technology Corp HD64F2149 Datasheet HTML 217Page - Renesas Technology Corp HD64F2149 Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 1075 page
background image
Section 7 Data Transfer Controller
Rev. 3.00 Jan 18, 2006 page 186 of 1044
REJ09B0280-0300
7.3.6
Repeat Mode
In repeat mode, one operation transfers one byte or one word of data.
From 1 to 256 transfers can be specified. Once the specified number of transfers have ended, the
initial address register state specified by the transfer counter and repeat area resumes and transfer
is repeated. In repeat mode the transfer counter does not reach H'00, and therefore CPU interrupts
cannot be requested when DISEL = 0.
Table 7.6 lists the register information in repeat mode and figure 7.7 shows memory mapping in
repeat mode.
Table 7.6
Register Information in Repeat Mode
Name
Abbreviation
Function
DTC source address register
SAR
Transfer source address
DTC destination address register
DAR
Transfer destination address
DTC transfer count register AH
CRAH
Holds number of transfers
DTC transfer count register AL
CRAL
Transfer count
DTC transfer count register B
CRB
Not used
Transfer
Repeat area
SAR or
DAR
DAR or
SAR
Figure 7.7 Memory Mapping in Repeat Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com