Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 207Page - Renesas Technology Corp HD64F2149 Datasheet HTML 208Page - Renesas Technology Corp HD64F2149 Datasheet HTML 209Page - Renesas Technology Corp HD64F2149 Datasheet HTML 210Page - Renesas Technology Corp HD64F2149 Datasheet HTML 211Page - Renesas Technology Corp HD64F2149 Datasheet HTML 212Page - Renesas Technology Corp HD64F2149 Datasheet HTML 213Page - Renesas Technology Corp HD64F2149 Datasheet HTML 214Page - Renesas Technology Corp HD64F2149 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 1075 page
background image
Section 7 Data Transfer Controller
Rev. 3.00 Jan 18, 2006 page 183 of 1044
REJ09B0280-0300
Table 7.4
Interrupt Sources, DTC Vector Addresses, and Corresponding DTCEs
Interrupt Source
Origin of
Interrupt Source
Vector
Number
Vector
Address
DTCE*
Priority
Write to DTVECR
Software
DTVECR
(decimal
indication)
H'0400 +
DTVECR
[6:0] << 1
—
High
IRQ0
External pin
16
H'0420
DTCEA7
IRQ1
17
H'0422
DTCEA6
IRQ2
18
H'0424
DTCEA5
IRQ3
19
H'0426
DTCEA4
ADI (A/D conversion end)
A/D
28
H'0438
DTCEA3
ICIA (FRT input capture A)
FRT
48
H'0460
DTCEA2
ICIB (FRT input capture B)
49
H'0462
DTCEA1
OCIA (FRT output compare A)
52
H'0468
DTCEA0
OCIB (FRT output compare B)
54
H'046A
DTCEB7
CMIA0 (TMR0 compare-match A)
TMR0
64
H'0480
DTCEB2
CMIB0 (TMR0 compare-match B)
65
H'0482
DTCEB1
CMIA1 (TMR1 compare-match A)
TMR1
68
H'0488
DTCEB0
CMIB1 (TMR1 compare-match B)
69
H'048A
DTCEC7
CMIAY (TMRY compare-match A)
TMRY
72
H'0490
DTCEC6
CMIBY (TMRY compare-match B)
73
H'0492
DTCEC5
IBF1 (IDR1 reception completed)
HIF
76
H'0498
DTCEC4
IBF2 (IDR2 reception completed)
77
H'049A
DTCEC3
RXI0 (reception completed 0)
SCI channel 0
81
H'04A2
DTCEC2
TXI0 (transmit data empty 0)
82
H'04A4
DTCEC1
RXI1 (reception completed 1)
SCI channel 1
85
H'04AA
DTCEC0
TXI1 (transmit data empty 1)
86
H'04AC
DTCED7
RXI2 (reception completed 2)
SCI channel 2
89
H'04B2
DTCED6
TXI2 (transmit data empty 2)
90
H'04B4
DTCED5
IICI0 (IIC0 1-byte transmission/
reception completed)
IIC0
92
H'04B8
DTCED4
IICI1 (IIC1 1-byte transmission/
reception completed)
IIC1
94
H'04BC
DTCED3
ERRI (transfer error etc.)
LPC
104
H'04D8
DTCEE3
IBFI1 (IDR1 reception completed)
105
H'04DA
DTCEE2
IBFI2 (IDR2 reception completed)
106
H'04DC
DTCEE1
IBFI3 (IDR3 reception completed)
107
H'04DE
DTCEE0
Low
Note:
*
DTCE bits with no corresponding interrupt are reserved, and should be written with 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com