| Electronic Components Datasheet Search |
|
HD64F2149 Datasheet(PDF) 208 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149 Datasheet(HTML) 208 Page - Renesas Technology Corp |
|
208 / 1075 page ![]() Section 7 Data Transfer Controller Rev. 3.00 Jan 18, 2006 page 180 of 1044 REJ09B0280-0300 7.3.2 Activation Sources The DTC operates when activated by an interrupt or by a write to DTVECR by software (software activation). An interrupt request can be directed to the CPU or DTC, as designated by the corresponding DTCER bit. The interrupt request is directed to the DTC when the corresponding bit is set to 1, and to the CPU when the bit is cleared to 0. At the end of one data transfer (or the last of the consecutive transfers in the case of chain transfer) the interrupt source or the corresponding DTCER bit is cleared. Table 7.3 shows activation sources and DTCER clearing. The interrupt source flag for RXI0, for example, is the RDRF flag in SCI0. Table 7.3 Activation Sources and DTCER Clearing Activation Source When DISEL Bit Is 0 and Specified Number of Transfers Have Not Ended When DISEL Bit Is 1 or Specified Number of Transfers Have Ended Software activation SWDTE bit cleared to 0 • SWDTE bit held at 1 • Interrupt request sent to CPU Interrupt activation • Corresponding DTCER bit held at 1 • Activation source flag cleared to 0 • Corresponding DTCER bit cleared to 0 • Activation source flag held at 1 • Activation source interrupt request sent to CPU Figure 7.3 shows a block diagram of activation source control. For details see section 5, Interrupt Controller. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |