Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 202Page - Renesas Technology Corp HD64F2149 Datasheet HTML 203Page - Renesas Technology Corp HD64F2149 Datasheet HTML 204Page - Renesas Technology Corp HD64F2149 Datasheet HTML 205Page - Renesas Technology Corp HD64F2149 Datasheet HTML 206Page - Renesas Technology Corp HD64F2149 Datasheet HTML 207Page - Renesas Technology Corp HD64F2149 Datasheet HTML 208Page - Renesas Technology Corp HD64F2149 Datasheet HTML 209Page - Renesas Technology Corp HD64F2149 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 1075 page
background image
Section 7 Data Transfer Controller
Rev. 3.00 Jan 18, 2006 page 178 of 1044
REJ09B0280-0300
7.3
Operation
7.3.1
Overview
When activated, the DTC reads register information that is already stored in memory and transfers
data on the basis of that register information. After the data transfer, it writes updated register
information back to memory. Pre-storage of register information in memory makes it possible to
transfer data over any required number of channels. Setting the CHNE bit to 1 makes it possible to
perform a number of transfers with a single activation.
Figure 7.2 shows a flowchart of DTC operation.
Start
Read DTC vector
Next transfer
Read register information
Data transfer
Write register information
Clear activation flag
CHNE = 1?
End
No
No
Yes
Yes
Transfer counter = 0
or DISEL = 1?
Clear DTCER
Interrupt exception
handling
Figure 7.2 Flowchart of DTC Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com