Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 203Page - Renesas Technology Corp HD64F2149 Datasheet HTML 204Page - Renesas Technology Corp HD64F2149 Datasheet HTML 205Page - Renesas Technology Corp HD64F2149 Datasheet HTML 206Page - Renesas Technology Corp HD64F2149 Datasheet HTML 207Page - Renesas Technology Corp HD64F2149 Datasheet HTML 208Page - Renesas Technology Corp HD64F2149 Datasheet HTML 209Page - Renesas Technology Corp HD64F2149 Datasheet HTML 210Page - Renesas Technology Corp HD64F2149 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 1075 page
background image
Section 7 Data Transfer Controller
Rev. 3.00 Jan 18, 2006 page 179 of 1044
REJ09B0280-0300
The DTC transfer mode can be normal mode, repeat mode, or block transfer mode.
The 24-bit SAR designates the DTC transfer source address and the 24-bit DAR designates the
transfer destination address. After each transfer, SAR and DAR are independently incremented,
decremented, or left fixed.
Table 7.2 outlines the functions of the DTC.
Table 7.2
DTC Functions
Address Registers
Transfer Mode
Activation Source
Transfer
Source
Transfer
Destination
• Normal mode
 One transfer request transfers one
byte or one word
 Memory addresses are incremented
or decremented by 1 or 2
 Up to 65,536 transfers possible
• Repeat mode
 One transfer request transfers one
byte or one word
 Memory addresses are incremented
or decremented by 1 or 2
 After the specified number of
transfers
(1 to 256), the initial state resumes
and operation continues
• Block transfer mode
 One transfer request transfers a
block
of the specified size
 Block size is from 1 to 256 bytes or
words
 Up to 65,536 transfers possible
 A block area can be designated at
either the source or destination
• IRQ
• FRT ICI, OCI
• 8-bit timer CMI
• Host interface IBF
• SCI TXI or RXI
• A/D converter ADI
• IIC IICI
• Software
24 bits
24 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com