Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 220Page - Renesas Technology Corp HD64F2149 Datasheet HTML 221Page - Renesas Technology Corp HD64F2149 Datasheet HTML 222Page - Renesas Technology Corp HD64F2149 Datasheet HTML 223Page - Renesas Technology Corp HD64F2149 Datasheet HTML 224Page - Renesas Technology Corp HD64F2149 Datasheet HTML 225Page - Renesas Technology Corp HD64F2149 Datasheet HTML 226Page - Renesas Technology Corp HD64F2149 Datasheet HTML 227Page - Renesas Technology Corp HD64F2149 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 1075 page
background image
Section 7 Data Transfer Controller
Rev. 3.00 Jan 18, 2006 page 196 of 1044
REJ09B0280-0300
7.4
Interrupts
An interrupt request is issued to the CPU when the DTC finishes the specified number of data
transfers, or a data transfer for which the DISEL bit was set to 1. In the case of interrupt activation,
the interrupt set as the activation source is generated. These interrupts to the CPU are subject to
CPU mask level and interrupt controller priority level control.
In the case of activation by software, a software-activated data transfer end interrupt (SWDTEND)
is generated.
When the DISEL bit is 1 and one data transfer has ended, or the specified number of transfers
have ended, after data transfer ends, the SWDTE bit is held at 1 and an SWDTEND interrupt is
generated. The interrupt handling routine should clear the SWDTE bit to 0.
When the DTC is activated by software, an SWDTEND interrupt is not generated during a data
transfer wait or during data transfer even if the SWDTE bit is set to 1.
7.5
Usage Notes
Module Stop: When the MSTP14 bit in MSTPCR is set to 1, the DTC clock stops, and the DTC
enters the module stop state. However, 1 cannot be written in the MSTP14 bit while the DTC is
operating. When the DTC is placed in the module stop state, the DTCER registers must all be in
the cleared state when the MSTP14 bit is set to 1.
On-Chip RAM: The MRA, MRB, SAR, DAR, CRA, and CRB registers are all located in on-chip
RAM. When the DTC is used, the RAME bit in SYSCR must not be cleared to 0.
DTCE Bit Setting: For DTCE bit setting, read/write operations must be performed using bit-
manipulation instructions such as BSET and BCLR. For the initial setting only, however, when
multiple activation sources are set at one time, it is possible to disable interrupts and write after
executing a dummy read on the relevant register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com