Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 221Page - Renesas Technology Corp HD64F2149 Datasheet HTML 222Page - Renesas Technology Corp HD64F2149 Datasheet HTML 223Page - Renesas Technology Corp HD64F2149 Datasheet HTML 224Page - Renesas Technology Corp HD64F2149 Datasheet HTML 225Page - Renesas Technology Corp HD64F2149 Datasheet HTML 226Page - Renesas Technology Corp HD64F2149 Datasheet HTML 227Page - Renesas Technology Corp HD64F2149 Datasheet HTML 228Page - Renesas Technology Corp HD64F2149 Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 197 of 1044
REJ09B0280-0300
Section 8 I/O Ports
8.1
Overview
The H8S/2149 has ten I/O ports (ports 1 to 6, 8, 9, A, and B), and one input-only port (port 7).
For additional ports C to G in H8S/2169, see section 8.13, Additional Overview for H8S/2169.
Tables 8.1 is a summary of the port functions. The pins of each port also have other functions.
Each port includes a data direction register (DDR) that controls input/output (not provided for the
input-only port) and data registers (DR, ODR) that store output data.
Ports 1 to 3, 6, A, and B have a built-in MOS input pull-up function. For ports A and B, the on/off
status of the MOS input pull-up is controlled by DDR and ODR. Ports 1 to 3 and 6 have a MOS
input pull-up control register (PCR), in addition to DDR and DR, to control the on/off status of the
MOS input pull-ups.
Ports 1 to 6, 8, 9, A, and B can drive a single TTL load and 30 pF capacitive load. All the I/O
ports can drive a Darlington transistor when in output mode. Ports 1 to 3 can drive an LED (10
mA sink current).
Port A input and output use by the VCCB power supply, which is independent of the V
CC power
supply. When the VCCB voltage is 5V, the pins on port A will be 5-V tolerant. PA4 to PA7 of
port A have bus-buffer drive capability. P52 in port 5 and P97 in port 9 are NMOS push-pull
outputs. P52 and P97 are thus 5-V tolerant, with DC characteristics that are dependent on the V
CC
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com