Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 259Page - Renesas Technology Corp HD64F2149 Datasheet HTML 260Page - Renesas Technology Corp HD64F2149 Datasheet HTML 261Page - Renesas Technology Corp HD64F2149 Datasheet HTML 262Page - Renesas Technology Corp HD64F2149 Datasheet HTML 263Page - Renesas Technology Corp HD64F2149 Datasheet HTML 264Page - Renesas Technology Corp HD64F2149 Datasheet HTML 265Page - Renesas Technology Corp HD64F2149 Datasheet HTML 266Page - Renesas Technology Corp HD64F2149 Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 235 of 1044
REJ09B0280-0300
Pin
Selection Method and Pin Functions
P60DDR
0
1
Pin function
P60 input pin
P60 output pin
P60/FTCI/TMIX/
KIN0/CIN0/
HFBACKI
FTCI input pin, HFBACKI input pin, TMIX input pin,
KIN0 input pin, CIN0 input pin
This pin is used as the FTCI input pin when an external clock is selected with
bits CKS1 and CKS0 in TCR of the FRT.
It can always be used as the TMIX,
KIN0, CIN0, or HFBACKI input pin.
8.7.4
MOS Input Pull-Up Function
Port 6 has a built-in MOS input pull-up function that can be controlled by software. This MOS
input pull-up function can be used in any operating mode, and can be specified as on or off on a
bit-by-bit basis.
When a P6DDR bit is cleared to 0, setting the corresponding KMPCR bit to 1 turns on the MOS
input pull-up for that pin. The MOS input pull-up current specification can be changed by means
of the P6PUE bit. When a pin is designated as an on-chip supporting module output pin, the MOS
input pull-up is always off.
The MOS input pull-up function is in the off state after a reset and in hardware standby mode. The
prior state is retained in software standby mode.
Table 8.14 summarizes the MOS input pull-up states.
Table 8.14
MOS Input Pull-Up States (Port 6)
Mode
Reset
Hardware
Standby Mode
Software
Standby Mode
In Other
Operations
1 to 3
Off
Off
On/Off
On/Off
Legend:
Off:
MOS input pull-up is always off.
On/Off: On when P6DDR = 0 and KMPCR = 1; otherwise off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com