Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 262Page - Renesas Technology Corp HD64F2149 Datasheet HTML 263Page - Renesas Technology Corp HD64F2149 Datasheet HTML 264Page - Renesas Technology Corp HD64F2149 Datasheet HTML 265Page - Renesas Technology Corp HD64F2149 Datasheet HTML 266Page - Renesas Technology Corp HD64F2149 Datasheet HTML 267Page - Renesas Technology Corp HD64F2149 Datasheet HTML 268Page - Renesas Technology Corp HD64F2149 Datasheet HTML 269Page - Renesas Technology Corp HD64F2149 Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 238 of 1044
REJ09B0280-0300
8.9
Port 8
8.9.1
Overview
Port 8 is an 8-bit I/O port. Port 8 pins also function as SCI1 I/O pins (TxD1, RxD1, SCK1), the
IIC1 I/O pin (SCL1), host interface (XBS) I/O pins (
CS2, GA20, HA0, HIFSD), host interface
(LPC) I/O pins (
PME, GA20, CLKRUN, LPCPD), and interrupt input pins (IRQ5 to IRQ3). Port 8
pin functions are the same in all operating modes except host interface function. Figure 8.16
shows the port 8 pin configuration.
P86 (I/O)/
IRQ5 (Input)/SCK1 (I/O)/SCL1 (I/O)
P85 (I/O)/
IRQ4 (Input)/RxD1 (Input)
P84 (I/O)/
IRQ3 (Input)/TxD1 (Output)
P83 (I/O)/
LPCPD (Input)
P82 (I/O)/HIFSD (Input)/
CLKRUN (I/O)
P81 (I/O)/
CS2 (Input)/GA20 (I/O)
P80 (I/O)/HA0 (Input)/
PME (I/O)
Port 8
Port 8 pins
Figure 8.16 Port 8 Pin Functions
8.9.2
Register Configuration
Table 8.16 summarizes the port 8 registers.
Table 8.16
Port 8 Registers
Name
Abbreviation
R/W
Initial Value
Address*
1
Port 8 data direction register
P8DDR
W
H'80
H'FFBD*
2
Port 8 data register
P8DR
R/W
H'80
H'FFBF
Notes: 1. Lower 16 bits of the address.
2. P8DDR has the same address as PBPIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com