Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 266Page - Renesas Technology Corp HD64F2149 Datasheet HTML 267Page - Renesas Technology Corp HD64F2149 Datasheet HTML 268Page - Renesas Technology Corp HD64F2149 Datasheet HTML 269Page - Renesas Technology Corp HD64F2149 Datasheet HTML 270Page - Renesas Technology Corp HD64F2149 Datasheet HTML 271Page - Renesas Technology Corp HD64F2149 Datasheet HTML 272Page - Renesas Technology Corp HD64F2149 Datasheet HTML 273Page - Renesas Technology Corp HD64F2149 Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 242 of 1044
REJ09B0280-0300
Pin
Selection Method and Pin Functions
P81/GA20/
CS2
The pin function is switched as shown below according to the combination of
bit HI12E in SYSCR2, bit CS2E in SYSCR, bit FGA20E in HICR, bit FGA20E
in HICR0, and bit P81DDR.
FGA20E
(LPC)
01
HI12E
0
1
—*
FGA20E
(XBS)
—
01
—
CS2E
—
01
——
P81DDR
0101
—
01
—
Pin function
P81
input
pin
P81
output
pin
P81
input
pin
P81
output
pin
CS2
input
pin
P81
input
pin
GA20
output
pin
GA20
output
pin
GA20 input pin
Note:
*
When bit FGA20E is set to 1 in HICR0, bits HI12E and P81DDR
should be cleared to 0.
The GA20 output pin and
CS2 input pin can only be used in mode 2 or 3
(EXPE = 0).
P80/HA0/
PME
The pin function is switched as shown below according to the combination of
bit HI12E in SYSCR2, bit PMEE in HICR0, and bit P80DDR.
PMEE
0
1
HI12E
0
1
—*
P80DDR
0
1
——*
Pin function
P80 input pin
P80 output pin
HA0 input pin
PME output pin
PME input pin
Note:
*
When bit PMEE is set to 1 in HICR0, bits HI12E and P80DDR
should be cleared to 0.
The HA0 input pin can only be used in mode 2 or 3 (EXPE = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com