Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 269Page - Renesas Technology Corp HD64F2149 Datasheet HTML 270Page - Renesas Technology Corp HD64F2149 Datasheet HTML 271Page - Renesas Technology Corp HD64F2149 Datasheet HTML 272Page - Renesas Technology Corp HD64F2149 Datasheet HTML 273Page - Renesas Technology Corp HD64F2149 Datasheet HTML 274Page - Renesas Technology Corp HD64F2149 Datasheet HTML 275Page - Renesas Technology Corp HD64F2149 Datasheet HTML 276Page - Renesas Technology Corp HD64F2149 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 245 of 1044
REJ09B0280-0300
When the ABW bit in WSCR is cleared to 0, pin P90 becomes a bus control output (
LWR),
regardless of the input/output direction indicated by P90DDR. When the ABW bit is 1, pin P90
becomes an output port if P90DDR is set to 1, and an input port if P90DDR is cleared to 0.
• Modes 2 and 3 (EXPE = 0)
When the corresponding P9DDR bits are set to 1, pin P96 functions as the
φ output pin and
pins P97 and P95 to P90 become output ports. When P9DDR bits are cleared to 0, the
corresponding pins become input ports.
Port 9 Data Register (P9DR)
Bit
765
432
10
P97DR
P96DR
P95DR
P94DR
P93DR
P92DR
P91DR
P90DR
Initial value
0
—*
0
000
00
Read/Write
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
Note:
*
Determined by the state of pin P96.
P9DR is an 8-bit readable/writable register that stores output data for the port 9 pins (P97 to P90).
With the exception of P96, if a port 9 read is performed while P9DDR bits are set to 1, the P9DR
values are read directly, regardless of the actual pin states. If a port 9 read is performed while
P9DDR bits are cleared to 0, the pin states are read.
P9DR is initialized to H'00 by a reset and in hardware standby mode. It retains its prior state in
software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com