Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 272Page - Renesas Technology Corp HD64F2149 Datasheet HTML 273Page - Renesas Technology Corp HD64F2149 Datasheet HTML 274Page - Renesas Technology Corp HD64F2149 Datasheet HTML 275Page - Renesas Technology Corp HD64F2149 Datasheet HTML 276Page - Renesas Technology Corp HD64F2149 Datasheet HTML 277Page - Renesas Technology Corp HD64F2149 Datasheet HTML 278Page - Renesas Technology Corp HD64F2149 Datasheet HTML 279Page - Renesas Technology Corp HD64F2149 Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 248 of 1044
REJ09B0280-0300
Pin
Selection Method and Pin Functions
P91/
IRQ1
P91DDR
0
1
Pin function
P91 input pin
P91 output pin
IRQ1 input pin
When bit IRQ1E in IER is set to 1, this pin is used as the
IRQ1 input pin.
P90/
LWR/IRQ2/
ADTRG/ECS2
The pin function is switched as shown below according to the combination of
operating mode, bit ABW in WSCR, bits HI12E and CS2E in SYSCR2, bit
FGA20E in HICR, and bit P90DDR.
Operating
mode
Mode 1,
modes 2 and 3 (EXPE = 1)
Modes 2, 3 (EXPE = 0)
ABW
0
1
—
HI12E
—
Any one 0
1
FGA20E
—
1
CS2E
—
1
P90DDR
—
0
101
—
Pin function
LWR
output pin
P90
input pin
P90
output pin
P90
input pin
P90
output pin
ECS2
input pin
IRQ2 input pin, ADTRG input pin
When the IRQ2E bit in IER is set to 1 in mode 1, modes 2 and 3 (EXPE = 1)
with the ABW bit in WSCR set to 1, or in mode 2 and 3 (EXPE = 0), this pin is
used as the
IRQ2 input pin.
When TRGS1 and TRGS0 in ADCR of the A/D converter are both set to 1, this
pin is used as the
ADTRG input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com