Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 275 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 275 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 271Page - Renesas Technology Corp HD64F2149 Datasheet HTML 272Page - Renesas Technology Corp HD64F2149 Datasheet HTML 273Page - Renesas Technology Corp HD64F2149 Datasheet HTML 274Page - Renesas Technology Corp HD64F2149 Datasheet HTML 275Page - Renesas Technology Corp HD64F2149 Datasheet HTML 276Page - Renesas Technology Corp HD64F2149 Datasheet HTML 277Page - Renesas Technology Corp HD64F2149 Datasheet HTML 278Page - Renesas Technology Corp HD64F2149 Datasheet HTML 279Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 247 of 1044
REJ09B0280-0300
Pin
Selection Method and Pin Functions
P95/
AS/IOS/CS1 The pin function is switched as shown below according to the combination of
operating mode, bit IOSE in SYSCR, bit HI12E in SYSCR2, and bit P95DDR.
Operating
mode
Mode 1,
modes 2 and 3
(EXPE = 1)
Modes 2, 3 (EXPE = 0)
HI12E
—
01
P95DDR
—
01
—
IOSE
0
1
———
Pin function
AS
output pin
IOS
output pin
P95
input pin
P95
output pin
CS1
input pin
P94/
HWR/IOW
The pin function is switched as shown below according to the combination of
operating mode, bit HI12E in SYSCR2, and bit P94DDR.
Operating
mode
Mode 1,
modes 2 and 3
(EXPE = 1)
Modes 2, 3 (EXPE = 0)
HI12E
—
01
P94DDR
—
01
—
Pin function
HWR
output pin
P94
input pin
P94
output pin
IOW
input pin
P93/
RD/IOR
The pin function is switched as shown below according to the combination of
operating mode, bit HI12E in SYSCR2, and bit P93DDR.
Operating
mode
Mode 1,
modes 2 and 3
(EXPE = 1)
Modes 2, 3 (EXPE = 0)
HI12E
—
01
P93DDR
—
01
—
Pin function
RD output pin P93 input pin P93 output pin IOR input pin
P92/
IRQ0
P92DDR
0
1
Pin function
P92 input pin
P92 output pin
IRQ0 input pin
When bit IRQ0E in IER is set to 1, this pin is used as the
IRQ0 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com