Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 270Page - Renesas Technology Corp HD64F2149 Datasheet HTML 271Page - Renesas Technology Corp HD64F2149 Datasheet HTML 272Page - Renesas Technology Corp HD64F2149 Datasheet HTML 273Page - Renesas Technology Corp HD64F2149 Datasheet HTML 274Page - Renesas Technology Corp HD64F2149 Datasheet HTML 275Page - Renesas Technology Corp HD64F2149 Datasheet HTML 276Page - Renesas Technology Corp HD64F2149 Datasheet HTML 277Page - Renesas Technology Corp HD64F2149 Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 246 of 1044
REJ09B0280-0300
8.10.3
Pin Functions
Port 9 pins also function as external interrupt input pins (
IRQ0 to IRQ2), the A/D converter trigger
input pin (
ADTRG), host interface (XBS) input pins (ECS2, CS1, IOW, IOR), the IIC0 I/O pin
(SDA0), the subclock input pin (EXCL), bus control signal I/O pins (
AS/IOS, RD, HWR, LWR,
WAIT), and the system clock (φ) output pin. The pin functions differ between the mode 1, modes
2 and 3 (EXPE = 1) expanded modes and the mode 2 and 3 (EXPE = 0) single-chip modes. The
port 9 pin functions are shown in table 8.19.
Table 8.19
Port 9 Pin Functions
Pin
Selection Method and Pin Functions
P97/
WAIT/SDA0
The pin function is switched as shown below according to the combination of
operating mode, bit WMS1 in WSCR, bit ICE in ICCR of IIC0, and bit P97DDR.
Operating
mode
Mode 1,
modes 2 and 3 (EXPE = 1)
Modes 2, 3 (EXPE = 0)
WMS1
0
1
—
ICE
0
1
—
01
P97DDR
0
1
——
01
—
Pin function
P97
input
pin
P97
output
pin
SDA0
I/O pin
WAIT
input
pin
P97
input
pin
P97
output
pin
SDA0
I/O pin
When this pin is set as the P97 output pin, it is an NMOS push-pull output.
SDA0 is an NMOS open-drain output, and has direct bus drive capability.
P96/
φ/EXCL
The pin function is switched as shown below according to the combination of
bit EXCLE in LPWRCR and bit P96DDR.
P96DDR
0
1
EXCLE
0
1
0
Pin function
P96 input pin
EXCL input pin
φ output pin
When this pin is used as the EXCL input pin, P96DDR should be cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com