| Electronic Components Datasheet Search |
|
HD64F2149 Datasheet(PDF) 277 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149 Datasheet(HTML) 277 Page - Renesas Technology Corp |
|
277 / 1075 page ![]() Section 8 I/O Ports Rev. 3.00 Jan 18, 2006 page 249 of 1044 REJ09B0280-0300 8.11 Port A 8.11.1 Overview Port A is an 8-bit I/O port. Port A pins also function as keyboard buffer controller I/O pins (PS2AC, PS2AD, PS2BC, PS2BD, PS2CC, PS2CD), key-sense interrupt input pins ( KIN15 to KIN8), expansion A/D converter input pins (CIN15 to CIN8), and address output pins (A23 to A16). Port A pin functions are the same in all operating modes. Figure 8.18 shows the port A pin configuration. PA7/A23/ KIN15/CIN15/PS2CD PA6/A22/ KIN14/CIN14/PS2CC PA5/A21/ KIN13/CIN13/PS2BD PA4/A20/ KIN12/CIN12/PS2BC PA3/A19/ KIN11/CIN11/PS2AD PA2/A18/ KIN10/CIN10/PS2AC PA1/A17/ KIN9/CIN9 PA0/A16/ KIN8/CIN8 Port A Port A pins PA7 (I/O)/ KIN15 (Input)/CIN15 (Input)/PS2CD (I/O) PA6 (I/O)/ KIN14 (Input)/CIN14 (Input)/PS2CC (I/O) PA5 (I/O)/ KIN13 (Input)/CIN13 (Input)/PS2BD (I/O) PA4 (I/O)/ KIN12 (Input)/CIN12 (Input)/PS2BC (I/O) PA3 (I/O)/ KIN11 (Input)/CIN11 (Input)/PS2AD (I/O) PA2 (I/O)/ KIN10 (Input)/CIN10 (Input)/PS2AC (I/O) PA1 (I/O)/ KIN9 (Input)/CIN9 (Input) PA0 (I/O)/ KIN8 (Input)/CIN8 (Input) Pin functions in mode 1, mode 2 (EXPE = 0), and mode 3 PA7 (I/O)/A23 (Output)/ KIN15 (Input)/CIN15 (Input)/PS2CD (I/O) PA6 (I/O)/A22 (Output)/ KIN14 (Input)/CIN14 (Input)/PS2CC (I/O) PA5 (I/O)/A21 (Output)/ KIN13 (Input)/CIN13 (Input)/PS2BD (I/O) PA4 (I/O)/A20 (Output)/ KIN12 (Input)/CIN12 (Input)/PS2BC (I/O) PA3 (I/O)/A19 (Output)/ KIN11 (Input)/CIN11 (Input)/PS2AD (I/O) PA2 (I/O)/A18 (Output)/ KIN10 (Input)/CIN10 (Input)/PS2AC (I/O) PA1 (I/O)/A17 (Output)/ KIN9 (Input)/CIN9 (Input) PA0 (I/O)/A16 (Output)/ KIN8 (Input)/CIN8 (Input) Pin functions in mode 2 (EXPE = 1) Figure 8.18 Port A Pin Functions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |