Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 279 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 279 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 275Page - Renesas Technology Corp HD64F2149 Datasheet HTML 276Page - Renesas Technology Corp HD64F2149 Datasheet HTML 277Page - Renesas Technology Corp HD64F2149 Datasheet HTML 278Page - Renesas Technology Corp HD64F2149 Datasheet HTML 279Page - Renesas Technology Corp HD64F2149 Datasheet HTML 280Page - Renesas Technology Corp HD64F2149 Datasheet HTML 281Page - Renesas Technology Corp HD64F2149 Datasheet HTML 282Page - Renesas Technology Corp HD64F2149 Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 251 of 1044
REJ09B0280-0300
Port A Output Data Register (PAODR)
Bit
7
6
543210
PA7ODR PA6ODR PA5ODR PA4ODR PA3ODR PA2ODR PA1ODR PA0ODR
Initial value
0
0
000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PAODR is an 8-bit readable/writable register that stores output data for the port A pins (PA7 to
PA0). PAODR can always be read or written to, regardless of the contents of PADDR.
PAODR is initialized to H'00 by a reset and in hardware standby mode. It retains its prior state in
software standby mode.
Port A Input Data Register (PAPIN)
Bit
7
6
543210
PA7PIN
PA6PIN
PA5PIN
PA4PIN
PA3PIN
PA2PIN
PA1PIN
PA0PIN
Initial value
—*
—*
—*
—*
—*
—*
—*
—*
Read/Write
R
R
RRRRRR
Note:
*
Determined by the state of pins PA7 to PA0.
Reading PAPIN always returns the pin states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com