Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 279Page - Renesas Technology Corp HD64F2149 Datasheet HTML 280Page - Renesas Technology Corp HD64F2149 Datasheet HTML 281Page - Renesas Technology Corp HD64F2149 Datasheet HTML 282Page - Renesas Technology Corp HD64F2149 Datasheet HTML 283Page - Renesas Technology Corp HD64F2149 Datasheet HTML 284Page - Renesas Technology Corp HD64F2149 Datasheet HTML 285Page - Renesas Technology Corp HD64F2149 Datasheet HTML 286Page - Renesas Technology Corp HD64F2149 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 255 of 1044
REJ09B0280-0300
Pin
Selection Method and Pin Functions
PA2/A18/PS2AC/
KIN10/CIN10
The pin function is switched as shown below according to the combination of
operating mode, the KBIOE bit in KBCR0H of the keyboard buffer controller,
the IOSE bit in SYSCR, and bit PA2DDR.
Operating
mode
Modes 1, 2 (EXPE = 0), 3
Mode 2 (EXPE = 1)
KBIOE
0
1
0
1
PA2DDR
0
1
—
01
—
IOSE
——
——
01
—
Pin function
PA2
input
pin
PA2
output
pin
PS2AC
output
pin
PA2
input
pin
A18
output
pin
PA2
output
pin
PS2AC
output
pin
KIN10 input pin, CIN10 input pin, PS2AC input pin
This pin can always be used as the PS2AC,
KIN10, or CIN10 input pin.
PA1/A17/
KIN9/
CIN9
The pin function is switched as shown below according to the combination of
operating mode, the IOSE bit in SYSCR and bit PA1DDR.
Operating
mode
Modes 1,
2 (EXPE = 0), 3
Mode 2 (EXPE = 1)
PA1DDR
0
1
0
1
IOSE
——
—
01
Pin function
PA1
input pin
PA1
output pin
PA1
input pin
A17
output pin
PA1
output pin
KIN9 input pin, CIN9 input pin
This pin can always be used as the
KIN9 or CIN9 input pin.
PA0/A16/
KIN8/
CIN8
The pin function is switched as shown below according to the combination of
operationg mode, the IOSE bit in SYSCR and bit PA0DDR.
Operating
mode
Modes 1,
2 (EXPE = 0), 3
Mode 2 (EXPE = 1)
PA0DDR
0
1
0
1
IOSE
——
—
01
Pin function
PA0
input pin
PA0
output pin
PA0
input pin
A16
output pin
PA0
output pin
KIN8 input pin, CIN8 input pin
This pin can always be used as the
KIN8 or CIN8 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com