Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 281Page - Renesas Technology Corp HD64F2149 Datasheet HTML 282Page - Renesas Technology Corp HD64F2149 Datasheet HTML 283Page - Renesas Technology Corp HD64F2149 Datasheet HTML 284Page - Renesas Technology Corp HD64F2149 Datasheet HTML 285Page - Renesas Technology Corp HD64F2149 Datasheet HTML 286Page - Renesas Technology Corp HD64F2149 Datasheet HTML 287Page - Renesas Technology Corp HD64F2149 Datasheet HTML 288Page - Renesas Technology Corp HD64F2149 Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 257 of 1044
REJ09B0280-0300
8.12
Port B
8.12.1
Overview
Port B is an 8-bit I/O port. Port B pins also have host interface (XBS) input/output pins (
CS3,
CS4, HIRQ3, HIRQ4), host interface (LPC) input/output pins (LSCI, LSMI), wakeup event
interrupt input pins (
WUE7 to WUE0), and a data bus input/output function (as D7 to D0). The
pin functions depend on the operating mode.
Figure 8.19 shows the port B pin configuration.
PB7/D7/
WUE7
PB6/D6/
WUE6
PB5/D5/
WUE5
PB4/D4/
WUE4
PB3/D3/
WUE3/CS4
PB2/D2/
WUE2/CS3
PB1/D1/
WUE1/HIRQ4/LSCI
PB0/D0/
WUE0/HIRQ3/LSMI
Port B
Port B pins
D7 (I/O)
D6 (I/O)
D5 (I/O)
D4 (I/O)
D3 (I/O)
D2 (I/O)
D1 (I/O)
D0 (I/O)
Mode 1, modes 2 and 3 (EXPE = 1) when ABW = 0
PB7 (I/O)/
WUE7 (Input)
PB6 (I/O)/
WUE6 (Input)
PB5 (I/O)/
WUE5 (Input)
PB4 (I/O)/
WUE4 (Input)
PB3 (I/O)/
WUE3 (Input)/CS4 (Input)
PB2 (I/O)/
WUE2 (Input)/CS3 (Input)
PB1 (I/O)/
WUE1 (Input)/HIRQ4 (Output)/LSCI (I/O)
PB0 (I/O)/
WUE0 (Input)/HIRQ3 (Output)/LSMI (I/O)
Mode 1, modes 2 and 3 (EXPE = 1) when ABW = 1,
and mode 1, modes 2 and 3 (EXPE = 0)
Figure 8.19 Port B Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com