Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 288 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 288 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 284Page - Renesas Technology Corp HD64F2149 Datasheet HTML 285Page - Renesas Technology Corp HD64F2149 Datasheet HTML 286Page - Renesas Technology Corp HD64F2149 Datasheet HTML 287Page - Renesas Technology Corp HD64F2149 Datasheet HTML 288Page - Renesas Technology Corp HD64F2149 Datasheet HTML 289Page - Renesas Technology Corp HD64F2149 Datasheet HTML 290Page - Renesas Technology Corp HD64F2149 Datasheet HTML 291Page - Renesas Technology Corp HD64F2149 Datasheet HTML 292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 260 of 1044
REJ09B0280-0300
8.12.3
Pin Functions
Port B pins also function as host interface (XBS) I/O pins (
CS3, CS4, HIRQ3, HIRQ4), host
interface (LPC) I/O pins (LSCI,
LSMI), wakeup event interrupt input pins (WUE7 to WUE0), and
data bus I/O pins (D7 to D0). The port B pin functions are shown in table 8.24.
Table 8.24
Port B Pin Functions
Pin
Selection Method and Pin Functions
PB7/D7/
WUE7
The pin function is switched as shown below according to the combination of
the operating mode, bit PB7DDR, and bit ABW in WSCR.
Operating
mode
Mode 1,
modes 2 and 3 (EXPE = 1)
Modes 2, 3
(EXPE = 0)
ABW
0
1
—
PB7DDR
—
0
101
Pin function
D7
I/O pin
PB7
input pin
PB7
output pin
PB7
input pin
PB7
output pin
WUE7 input pin
Except when used as a data bus pin, this pin can always be used as the
WUE7 input pin.
PB6/D6/
WUE6
The pin function is switched as shown below according to the combination of
the operating mode, bit PB6DDR, and bit ABW in WSCR.
Operating
mode
Mode 1,
modes 2 and 3 (EXPE = 1)
Modes 2, 3
(EXPE = 0)
ABW
0
1
—
PB6DDR
—
0
101
Pin function
D6
I/O pin
PB6
input pin
PB6
output pin
PB6
input pin
PB6
output pin
WUE6 input pin
Except when used as a data bus pin, this pin can always be used as the
WUE6 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com