Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 286Page - Renesas Technology Corp HD64F2149 Datasheet HTML 287Page - Renesas Technology Corp HD64F2149 Datasheet HTML 288Page - Renesas Technology Corp HD64F2149 Datasheet HTML 289Page - Renesas Technology Corp HD64F2149 Datasheet HTML 290Page - Renesas Technology Corp HD64F2149 Datasheet HTML 291Page - Renesas Technology Corp HD64F2149 Datasheet HTML 292Page - Renesas Technology Corp HD64F2149 Datasheet HTML 293Page - Renesas Technology Corp HD64F2149 Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 262 of 1044
REJ09B0280-0300
Pin
Selection Method and Pin Functions
PB3/D3/
WUE3/
CS4
The pin function is switched as shown below according to the combination of
the operating mode, bits HI12E and CS4E in SYSCR2, bit ABW in WSCR, and
bit PB3DDR.
Operating
mode
Mode 1,
modes 2 and 3 (EXPE = 1)
Modes 2, 3
(EXPE = 0)
HI12E
—
Either cleared to 0
1
CS4E
—
1
ABW
0
1
——
PB3DDR
—
010
1
—
Pin function
D3
I/O pin
PB3
input pin
PB3
output pin
PB3
input pin
PB3
output pin
CS4
input pin
WUE3 input pin
Except when used as a data bus pin, this pin can always be used as the
WUE3 input pin.
The
CS4 input pin can only be used in mode 2 or 3 (EXPE = 0).
PB2/D2/
WUE2/
CS3
The pin function is switched as shown below according to the combination of
the operating mode, bits HI12E and CS3E in SYSCR2, bit ABW in WSCR, and
bit PB2DDR.
Operating
mode
Mode 1,
modes 2 and 3 (EXPE = 1)
Modes 2, 3
(EXPE = 0)
HI12E
—
Either cleared to 0
1
CS3E
—
1
ABW
0
1
——
PB2DDR
—
010
1
—
Pin function
D2
I/O pin
PB2
input pin
PB2
output pin
PB2
input pin
PB2
output pin
CS3
input pin
WUE2 input pin
Except when used as a data bus pin, this pin can always be used as the
WUE2 input pin.
The
CS3 input pin can only be used in mode 2 or 3 (EXPE = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com