| Electronic Components Datasheet Search |
|
HD64F2149 Datasheet(PDF) 293 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149 Datasheet(HTML) 293 Page - Renesas Technology Corp |
|
293 / 1075 page ![]() Section 8 I/O Ports Rev. 3.00 Jan 18, 2006 page 265 of 1044 REJ09B0280-0300 8.12.4 MOS Input Pull-Up Function Port B has a built-in MOS input pull-up function that can be controlled by software. This MOS input pull-up function can be used in modes 1 to 3 (EXPE = 1) with the ABW bit in WSCR set to 1, and in modes 2 and 3 (EXPE = 0), and can be specified as on or off on a bit-by-bit basis. When a PBDDR bit is cleared to 0, setting the corresponding PBODR bit to 1 turns on the MOS input pull-up for that pin. When a pin is designated as an on-chip supporting module output pin, the MOS input pull-up is always off. The MOS input pull-up function is in the off state after a reset and in hardware standby mode. The prior state is retained in software standby mode. Table 8.25 summarizes the MOS input pull-up states. Table 8.25 MOS Input Pull-Up States (Port B) Mode Reset Hardware Standby Mode Software Standby Mode In Other Operations 1, 2, 3 (EXPE = 1) with ABW in WSCR = 0 Off Off Off Off 1, 2, 3 (EXPE = 1) with ABW in WSCR = 1, and 2, 3 (EXPE = 0) Off Off On/Off On/Off Legend: Off: MOS input pull-up is always off. On/Off: On when PBDDR = 0 and PBODR = 1; otherwise off. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |