| Electronic Components Datasheet Search |
|
HD64F2149 Datasheet(PDF) 282 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149 Datasheet(HTML) 282 Page - Renesas Technology Corp |
|
282 / 1075 page ![]() Section 8 I/O Ports Rev. 3.00 Jan 18, 2006 page 254 of 1044 REJ09B0280-0300 Pin Selection Method and Pin Functions PA4/A20/PS2BC/ KIN12/CIN12 The pin function is switched as shown below according to the combination of operating mode, the KBIOE bit in KBCR1H of the keyboard buffer controller, the IOSE bit in SYSCR, and bit PA4DDR. Operating mode Modes 1, 2 (EXPE = 0), 3 Mode 2 (EXPE = 1) KBIOE 0 1 0 1 PA4DDR 0 1 — 01 — IOSE —— —— 01 — Pin function PA4 input pin PA4 output pin PS2BC output pin PA4 input pin A20 output pin PA4 output pin PS2BC output pin KIN12 input pin, CIN12 input pin, PS2BC input pin When the IICS bit in STCR is set to 1, this pin functions as a bus buffer. This pin can always be used as the PS2BC, KIN12, or CIN12 input pin. PA3/A19/PS2AD/ KIN11/CIN11 The pin function is switched as shown below according to the combination of operating mode, the KBIOE bit in KBCR0H of the keyboard buffer controller, the IOSE bit in SYSCR, and bit PA3DDR. Operating mode Modes 1, 2 (EXPE = 0), 3 Mode 2 (EXPE = 1) KBIOE 0 1 0 1 PA3DDR 0 1 — 01 — IOSE —— —— 01 — Pin function PA3 input pin PA3 output pin PS2AD output pin PA3 input pin A19 output pin PA3 output pin PS2AD output pin KIN11 input pin, CIN11 input pin, PS2AD input pin This pin can always be used as the PS2AD, KIN11, or CIN11 input pin. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |