Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 268 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 268 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 264Page - Renesas Technology Corp HD64F2149 Datasheet HTML 265Page - Renesas Technology Corp HD64F2149 Datasheet HTML 266Page - Renesas Technology Corp HD64F2149 Datasheet HTML 267Page - Renesas Technology Corp HD64F2149 Datasheet HTML 268Page - Renesas Technology Corp HD64F2149 Datasheet HTML 269Page - Renesas Technology Corp HD64F2149 Datasheet HTML 270Page - Renesas Technology Corp HD64F2149 Datasheet HTML 271Page - Renesas Technology Corp HD64F2149 Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 240 of 1044
REJ09B0280-0300
8.9.3
Pin Functions
Port 8 pins also function as SCI1 I/O pins (TxD1, RxD1, SCK1), the IIC1 I/O pin (SCL1), host
interface (HIF) I/O pins (
CS2, GA20, HA0, HIFSD), host interface (LPC) I/O pins (PME, GA20,
CLKRUN, LPCPD), and interrupt input pins (IRQ5 to IRQ3). The port 8 pin functions are shown
in table 8.17.
Table 8.17
Port 8 Pin Functions
Pin
Selection Method and Pin Functions
P86/
IRQ5/SCK1/
SCL1
The pin function is switched as shown below according to the combination of
bits CKE1 and CKE0 in SCR of SCI1, bit C/
A in SMR of SCI1, bit ICE in ICCR
of IIC1, and bit P86DDR.
ICE
0
1
CKE1
0
1
0
C/
A
01
—
0
CKE0
0
1
——
0
P86DDR
0
1
———
—
Pin function
P86
input pin
P86
output pin
SCK1
output pin
SCK1
output pin
SCK1
input pin
SCL1
I/O pin
IRQ5 input pin
When the IRQ5E bit in IER is set to 1, this pin is used as the
IRQ5 input pin.
When this pin is used as the SCL1 I/O pin, bits CKE1 and CKE0 in SCR of
SCI1 and bit C/
A in SMR of SCI1 must all be cleared to 0. SCL1 is an NMOS-
only output, and has direct bus drive capability.
P85/
IRQ4/RxD1
The pin function is switched as shown below according to the combination of
bit RE in SCR of SCI1 and bit P85DDR.
RE
0
1
P85DDR
0
1
—
Pin function
P85 input pin
P85 output pin
RxD1 input pin
IRQ4 input pin
When the IRQ4E bit in IER is set to 1, this pin is used as the
IRQ4 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com