Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 307 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 307 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 303Page - Renesas Technology Corp HD64F2149 Datasheet HTML 304Page - Renesas Technology Corp HD64F2149 Datasheet HTML 305Page - Renesas Technology Corp HD64F2149 Datasheet HTML 306Page - Renesas Technology Corp HD64F2149 Datasheet HTML 307Page - Renesas Technology Corp HD64F2149 Datasheet HTML 308Page - Renesas Technology Corp HD64F2149 Datasheet HTML 309Page - Renesas Technology Corp HD64F2149 Datasheet HTML 310Page - Renesas Technology Corp HD64F2149 Datasheet HTML 311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 279 of 1044
REJ09B0280-0300
PGPIN is at the same address as PGDDR. Writing is to PGDDR and the port G settings will
change unless the given byte represents the current settings.
Port G Nch-OD Control Register (PGNOCR)
Bit
7
6543
210
PG7NOC PG6NOC PG5NOC PG4NOC PG3NOC PG2NOC PG1NOC PG0NOC
Initial value
0
0000
000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PGNOCR is an 8-bit read/write register, the individual bits of which specify the output driver type
for pins on port G which are configured as outputs.
Setting a PENOCR or PFNOCR bit to 1 disables the P-channel driver for the corresponding pin on
port G. Clearing the bit to 0 enables the P-channel driver for the pin. Although the P-channel
drivers are always connected, the output driver type will look like CMOS when the bit is cleared
to 0 and N-channel open-drain when it is set to 1.
PGNOCR is initialized to H'00 by a reset and in hardware standby mode. It retains its prior state in
software standby mode.
DDR
0
1
NOCR
—
01
ODR
0
1
010
1
N-ch. driver
OFF
ON
OFF
ON
OFF
P-ch. driver
OFF
OFF
ON
OFF
MOS Input Pul-Up
OFF
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com