Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 301Page - Renesas Technology Corp HD64F2149 Datasheet HTML 302Page - Renesas Technology Corp HD64F2149 Datasheet HTML 303Page - Renesas Technology Corp HD64F2149 Datasheet HTML 304Page - Renesas Technology Corp HD64F2149 Datasheet HTML 305Page - Renesas Technology Corp HD64F2149 Datasheet HTML 306Page - Renesas Technology Corp HD64F2149 Datasheet HTML 307Page - Renesas Technology Corp HD64F2149 Datasheet HTML 308Page - Renesas Technology Corp HD64F2149 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 277 of 1044
REJ09B0280-0300
8.16
Port G
8.16.1
Overview
Port G is an 8-bit I/O port. Port G pin functions are the same in all operating modes.
Figure 8.22 shows the pin configuration of port G.
PG7 (I/O)
PG6 (I/O)
PG5 (I/O)
PG4 (I/O)
PG3 (I/O)
PG2 (I/O)
PG1 (I/O)
PG0 (I/O)
Port G
Port C pins
Figure 8.22 Pin Functions for Port G
8.16.2
Register Configuration
Table 8.31 is a summary of the port G registers.
Table 8.31
Port G Registers
Name
Abbreviation
R/W
Initial Value
Address*
1
Port G data direction register
PGDDR
W
H'00
H'FE47*
2
Port G output data register
PGODR
R/W
H'00
H'FE46
Port G input data register
PGPIN
R
Undefined
H'FE47*
2
Port G Nch-OD control register
PGNOCR
R/W
H'00
H'FE16
Notes: 1. Lower 16 bits of the address.
2. PGDDR has the same address as PGPIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com