Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 298Page - Renesas Technology Corp HD64F2149 Datasheet HTML 299Page - Renesas Technology Corp HD64F2149 Datasheet HTML 300Page - Renesas Technology Corp HD64F2149 Datasheet HTML 301Page - Renesas Technology Corp HD64F2149 Datasheet HTML 302Page - Renesas Technology Corp HD64F2149 Datasheet HTML 303Page - Renesas Technology Corp HD64F2149 Datasheet HTML 304Page - Renesas Technology Corp HD64F2149 Datasheet HTML 305Page - Renesas Technology Corp HD64F2149 Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 274 of 1044
REJ09B0280-0300
PEDDR and PFDDR are initialized to H'00 by a reset and in hardware standby mode. They retain
their prior states in software standby mode.
Port E and port F Output Data Registers (PEODR, PFODR)
Bit
7
6543
210
PE7ODR PE6ODR PE5ODR PE4ODR PE3ODR PE2ODR PE1ODR PE0ODR
Initial value
0
0000
000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
7
6543
210
PF7ODR PF6ODR PF5ODR PF4ODR PF3ODR PF2ODR PF1ODR PF0ODR
Initial value
0
0000
000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PEODR and PFODR are 8-bit read/write registers that store output data for the pins on ports E and
F (PE7 to PE0 and PF7 to PF0). PEODR and PFODR can always be read from or written to,
regardless of the PEDDR and PFDDR settings.
PEODR and PFODR are initialized to H'00 by a reset and in hardware standby mode. They retain
their prior states in software standby mode.
Port E and port F Input Data Registers (PEPIN, PFPIN)
Bit
7
6543
210
PE7PIN
PE6PIN
PE5PIN
PE4PIN
PE3PIN
PE2PIN
PE1PIN
PE0PIN
Initial value
—*
—*
—*
—*
—*
—*
—*
—*
Read/Write
R
RRRR
RRR
Note:
*
Determined by the state of pins PE7 to PE0.
Bit
7
6543
210
PF7PIN
PF6PIN
PF5PIN
PF4PIN
PF3PIN
PF2PIN
PF1PIN
PF0PIN
Initial value
—*
—*
—*
—*
—*
—*
—*
—*
Read/Write
R
RRRR
RRR
Note:
*
Determined by the state of pins PF7 to PF0.
Reading PEPIN and PFPIN always returns the pin states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com