Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 298 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 294Page - Renesas Technology Corp HD64F2149 Datasheet HTML 295Page - Renesas Technology Corp HD64F2149 Datasheet HTML 296Page - Renesas Technology Corp HD64F2149 Datasheet HTML 297Page - Renesas Technology Corp HD64F2149 Datasheet HTML 298Page - Renesas Technology Corp HD64F2149 Datasheet HTML 299Page - Renesas Technology Corp HD64F2149 Datasheet HTML 300Page - Renesas Technology Corp HD64F2149 Datasheet HTML 301Page - Renesas Technology Corp HD64F2149 Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 270 of 1044
REJ09B0280-0300
PCPIN and PDPIN are at the same addresses as PCDDR and PDDDR, respectively. Writing is to
PCDDR or PDDDR and the port C or port D settings will change unless the given byte represents
the current setting.
Port C and port D Nch-OD Control Register (PCNOCR, PDNOCR)
Bit
7
6543
210
PC7NOC PC6NOC PC5NOC PC4NOC PC3NOC PC2NOC PC1NOC PC0NOC
Initial value
0
0000
000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
7
6543
210
PD7NOC PD6NOC PD5NOC PD4NOC PD3NOC PD2NOC PD1NOC PD0NOC
Initial value
0
0000
000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PCNOCR and PDNOCR are 8-bit read/write registers, the individual bits of which specify the
output driver type for pins on ports C and D which are configured as outputs.
Setting a PCNOCR or PDNOCR bit to 1 disables the P-channel driver for the corresponding pin
on port C or port D. Clearing the bit to 0 enables the P-channel driver for the pin. Although the
P-channel drivers are always connected, the output driver type will be CMOS when the bit is
cleared to 0 and N-channel open-drain when it is set to 1.
PCNOCR and PDNOCR are initialized to H'00 by a reset and in hardware standby mode. They
retain their prior states in software standby mode.
DDR
0
1
NOCR
—
01
ODR
0
1
010
1
N-ch. driver
OFF
ON
OFF
ON
OFF
P-ch. driver
OFF
OFF
ON
OFF
MOS Input Pul-Up
OFF
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com