Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 297Page - Renesas Technology Corp HD64F2149 Datasheet HTML 298Page - Renesas Technology Corp HD64F2149 Datasheet HTML 299Page - Renesas Technology Corp HD64F2149 Datasheet HTML 300Page - Renesas Technology Corp HD64F2149 Datasheet HTML 301Page - Renesas Technology Corp HD64F2149 Datasheet HTML 302Page - Renesas Technology Corp HD64F2149 Datasheet HTML 303Page - Renesas Technology Corp HD64F2149 Datasheet HTML 304Page - Renesas Technology Corp HD64F2149 Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 273 of 1044
REJ09B0280-0300
8.15.2
Register Configuration
Table 8.29 is a summary of the port E and port F registers.
Table 8.29
Port E and port F Registers
Name
Abbreviation
R/W
Initial Value
Address*
1
Port E data direction register
PEDDR
W
H'00
H'FE4A*
2
Port E output data register
PEODR
R/W
H'00
H'FE48
Port E input data register
PEPIN
R
Undefined
H'FE4A*
2
Port E Nch-OD control register
PENOCR
R/W
H'00
H'FE18
Port F data direction register
PFDDR
W
H'00
H'FE4B*
3
Port F output data register
PFODR
R/W
H'00
H'FE49
Port F input data register
PFPIN
R
Undefined
H'FE4B*
3
Port F Nch-OD control register
PFNOCR
R/W
H'00
H'FE19
Notes: 1. Lower 16 bits of the address.
2. PEDDR has the same address as PEPIN.
3. PFDDR has the same address as PFPIN.
Port E and port F Data Direction Registers (PEDDR, PFDDR)
Bit
7
6543
210
PE7DDR PE6DDR PE5DDR PE4DDR PE3DDR PE2DDR PE1DDR PE0DDR
Initial value
0
0000
000
Read/Write
W
WWWW
WWW
Bit
7
6543
210
PF7DDR PF6DDR PF5DDR PF4DDR PF3DDR PF2DDR PF1DDR PF0DDR
Initial value
0
0000
000
Read/Write
W
WWWW
WWW
PEDDR and PFDDR are 8-bit write-only registers, the individual bits of which select input or
output for the pins of port E and port F. PEDDR and PFDDR are at the same addresses as PEPIN
and PFPIN, respectively, and if read, will return the port E and port F pin states.
Setting a PEDDR or PFDDR bit to 1 makes the corresponding pin on port E or port F an output
pin, while clearing the bit to 0 makes the pin an input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com