Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 321 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 321 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 317Page - Renesas Technology Corp HD64F2149 Datasheet HTML 318Page - Renesas Technology Corp HD64F2149 Datasheet HTML 319Page - Renesas Technology Corp HD64F2149 Datasheet HTML 320Page - Renesas Technology Corp HD64F2149 Datasheet HTML 321Page - Renesas Technology Corp HD64F2149 Datasheet HTML 322Page - Renesas Technology Corp HD64F2149 Datasheet HTML 323Page - Renesas Technology Corp HD64F2149 Datasheet HTML 324Page - Renesas Technology Corp HD64F2149 Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 1075 page
background image
Section 10 14-Bit PWM Timer
Rev. 3.00 Jan 18, 2006 page 293 of 1044
REJ09B0280-0300
Section 10 14-Bit PWM Timer
10.1
Overview
The H8S/2169 or H8S/2149 has an on-chip 14-bit pulse-width modulator (PWM) with two output
channels.
Each channel can be connected to an external low-pass filter to operate as a 14-bit D/A converter.
Both channels share the same counter (DACNT) and control register (DACR).
10.1.1
Features
The features of the 14-bit PWM (D/A) are listed below.
• The pulse is subdivided into multiple base cycles to reduce ripple.
• Two resolution settings and two base cycle settings are available
The resolution can be set equal to one or two system clock cycles. The base cycle can be set
equal to T
× 64 or T × 256, where T is the resolution.
• Four operating rates
The two resolution settings and two base cycle settings combine to give a selection of four
operating rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com