Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 319Page - Renesas Technology Corp HD64F2149 Datasheet HTML 320Page - Renesas Technology Corp HD64F2149 Datasheet HTML 321Page - Renesas Technology Corp HD64F2149 Datasheet HTML 322Page - Renesas Technology Corp HD64F2149 Datasheet HTML 323Page - Renesas Technology Corp HD64F2149 Datasheet HTML 324Page - Renesas Technology Corp HD64F2149 Datasheet HTML 325Page - Renesas Technology Corp HD64F2149 Datasheet HTML 326Page - Renesas Technology Corp HD64F2149 Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 1075 page
background image
Section 10 14-Bit PWM Timer
Rev. 3.00 Jan 18, 2006 page 295 of 1044
REJ09B0280-0300
10.1.3
Pin Configuration
Table 10.1 lists the pins used by the PWM (D/A) module.
Table 10.1
Input and Output Pins
Name
Abbreviation
I/O
Function
PWM output pin 0
PWX0
Output
PWM output, channel A
PWM output pin 1
PWX1
Output
PWM output, channel B
10.1.4
Register Configuration
Table 10.2 lists the registers of the PWM (D/A) module.
Table 10.2
Register Configuration
Name
Abbreviation
R/W
Initial value
Address*
1
PWM (D/A) control register
DACR
R/W
H'30
H'FFA0*
2
PWM (D/A) data register A high
DADRAH
R/W
H'FF
H'FFA0*
2
PWM (D/A) data register A low
DADRAL
R/W
H'FF
H'FFA1*
2
PWM (D/A) data register B high
DADRBH
R/W
H'FF
H'FFA6*
2
PWM (D/A) data register B low
DADRBL
R/W
H'FF
H'FFA7*
2
PWM (D/A) counter high
DACNTH
R/W
H'00
H'FFA6*
2
PWM (D/A) counter low
DACNTL
R/W
H'03
H'FFA7*
2
Module stop control register
MSTPCRH
R/W
H'3F
H'FF86
MSTPCRL
R/W
H'FF
H'FF87
Notes: 1. Lower 16 bits of the address.
2. Some of the PWM registers are located in the same addresses as other registers,
switching is made by setting IICE bit in serial/timer control register (STCR).
The same addresses are shared by DADRAH and DACR, and by DADRB and DACNT.
Switching is performed by the REGS bit in DACNT or DADRB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com