Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 323Page - Renesas Technology Corp HD64F2149 Datasheet HTML 324Page - Renesas Technology Corp HD64F2149 Datasheet HTML 325Page - Renesas Technology Corp HD64F2149 Datasheet HTML 326Page - Renesas Technology Corp HD64F2149 Datasheet HTML 327Page - Renesas Technology Corp HD64F2149 Datasheet HTML 328Page - Renesas Technology Corp HD64F2149 Datasheet HTML 329Page - Renesas Technology Corp HD64F2149 Datasheet HTML 330Page - Renesas Technology Corp HD64F2149 Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 1075 page
background image
Section 10 14-Bit PWM Timer
Rev. 3.00 Jan 18, 2006 page 299 of 1044
REJ09B0280-0300
Bit 7—Test Mode (TEST): Selects test mode, which is used in testing the chip. Normally this bit
should be cleared to 0.
Bit 7
TEST
Description
0
PWM (D/A) in user state: normal operation
(Initial value)
1
PWM (D/A) in test state: correct conversion results unobtainable
Bit 6—PWM Enable (PWME): Starts or stops the PWM (D/A) counter (DACNT).
Bit 6
PWME
Description
0
DACNT operates as a 14-bit up-counter
(Initial value)
1
DACNT halts at H'0003
Bits 5 and 4—Reserved: These bits cannot be modified and are always read as 1.
Bit 3—Output Enable B (OEB): Enables or disables output on PWM (D/A) channel B.
Bit 3
OEB
Description
0
PWM (D/A) channel B output (at the PWX1 pin) is disabled
(Initial value)
1
PWM (D/A) channel B output (at the PWX1 pin) is enabled
Bit 2—Output Enable A (OEA): Enables or disables output on PWM (D/A) channel A.
Bit 2
OEA
Description
0
PWM (D/A) channel A output (at the PWX0 pin) is disabled
(Initial value)
1
PWM (D/A) channel A output (at the PWX0 pin) is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com