Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 324Page - Renesas Technology Corp HD64F2149 Datasheet HTML 325Page - Renesas Technology Corp HD64F2149 Datasheet HTML 326Page - Renesas Technology Corp HD64F2149 Datasheet HTML 327Page - Renesas Technology Corp HD64F2149 Datasheet HTML 328Page - Renesas Technology Corp HD64F2149 Datasheet HTML 329Page - Renesas Technology Corp HD64F2149 Datasheet HTML 330Page - Renesas Technology Corp HD64F2149 Datasheet HTML 331Page - Renesas Technology Corp HD64F2149 Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 1075 page
background image
Section 10 14-Bit PWM Timer
Rev. 3.00 Jan 18, 2006 page 300 of 1044
REJ09B0280-0300
Bit 1—Output Select (OS): Selects the phase of the PWM (D/A) output.
Bit 1
OS
Description
0
Direct PWM output
(Initial value)
1
Inverted PWM output
Bit 0—Clock Select (CKS): Selects the PWM (D/A) resolution. If the system clock (
φ) frequency
is 10 MHz, resolutions of 100 ns and 200 ns can be selected.
Bit 0
CKS
Description
0
Operates at resolution (T) = system clock cycle time (t
cyc)
(Initial value)
1
Operates at resolution (T) = system clock cycle time (t
cyc) × 2
10.2.4
Module Stop Control Register (MSTPCR)
7
MSTP15
0
R/W
Bit
Initial value
Read/Write
6
MSTP14
0
R/W
5
MSTP13
1
R/W
4
MSTP12
1
R/W
3
MSTP11
1
R/W
2
MSTP10
1
R/W
1
MSTP9
1
R/W
0
MSTP8
1
R/W
7
MSTP7
1
R/W
6
MSTP6
1
R/W
5
MSTP5
1
R/W
4
MSTP4
1
R/W
3
MSTP3
1
R/W
2
MSTP2
1
R/W
1
MSTP1
1
R/W
0
MSTP0
1
R/W
MSTPCRH
MSTPCRL
MSTPCR comprises two 8-bit readable/writable registers, and is used to perform module stop
mode control.
When the MSTP11 bit is set to 1, 14-bit PWM timer operation is halted and a transition is made to
module stop mode. For details, see section 24.5, Module Stop Mode.
MSTPCR is initialized to H'3FFF by a reset and in hardware standby mode. It is not initialized in
software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com