Electronic Components Datasheet Search
  English  ▼

X  

H8S2282F Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # H8S2282F
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2282F Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button H8S2282F Datasheet HTML 44Page - Renesas Technology Corp H8S2282F Datasheet HTML 45Page - Renesas Technology Corp H8S2282F Datasheet HTML 46Page - Renesas Technology Corp H8S2282F Datasheet HTML 47Page - Renesas Technology Corp H8S2282F Datasheet HTML 48Page - Renesas Technology Corp H8S2282F Datasheet HTML 49Page - Renesas Technology Corp H8S2282F Datasheet HTML 50Page - Renesas Technology Corp H8S2282F Datasheet HTML 51Page - Renesas Technology Corp H8S2282F Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 615 page
background image
Section 1 Overview
Rev. 3.00 Sep 26, 2006 page 16 of 580
REJ09B0148-0300
Type
Symbol
Pin NO.
I/O
Function
A/D
converter
AN7
AN6
AN5
AN4
AN3
AN2
95
94
93
92
91
90
Input
Analog input pins
ADTRG
79
Input
Pin for input of an external trigger to start A/D
conversion
AV
CC
96
Input
Power supply pin for the A/D converter. When
the A/D converter is not used, connect this pin to
the system power supply (+5V).
AV
SS
97
Input
The ground pin for the A/D converter. Connect
this pin to the system power supply (0V).
Motor
control
PWM timer
PWM1H
PWM1G
PWM1F
PWM1E
PWM1D
PWM1C
PWM1B
PWM1A
46
45
44
43
40
39
38
37
Output
PWM_1 pulse output pin
PWM2H
PWM2G
PWM2F
PWM2E
PWM2D
PWM2C
PWM2B
PWM2A
56
55
54
53
50
49
48
47
Output
PWM_2 pulse output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com