| Electronic Components Datasheet Search |
|
H8S2282F Datasheet(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2282F Datasheet(HTML) 20 Page - Renesas Technology Corp |
|
20 / 615 page ![]() Rev. 3.00 Sep 26, 2006 page xx of xxxii Figures Section 1 Overview Figure 1.1 H8S/2282 Group Internal Block Diagram ........................................................... 2 Figure 1.2 H8S/2280 Group (HD64F2280B) Internal Block Diagram ................................. 3 Figure 1.3 H8S/2280 Group (HD64F2280RB) Internal Block Diagram............................... 4 Figure 1.4 H8S/2282 Group Pin Arrangement...................................................................... 5 Figure 1.5 H8S/2280 Group (HD64F2280B) Pin Arrangement............................................ 6 Figure 1.6 H8S/2280 Group (HD64F2280RB) Pin Arrangement ......................................... 7 Section 2 CPU Figure 2.1 Exception Vector Table (Normal Mode) ............................................................. 25 Figure 2.2 Stack Structure in Normal Mode ......................................................................... 25 Figure 2.3 Exception Vector Table (Advanced Mode) ......................................................... 26 Figure 2.4 Stack Structure in Advanced Mode ..................................................................... 27 Figure 2.5 Memory Map ....................................................................................................... 28 Figure 2.6 CPU Registers...................................................................................................... 29 Figure 2.7 Usage of General Registers.................................................................................. 30 Figure 2.8 Stack Status..........................................................................................................31 Figure 2.9 General Register Data Formats (1) ...................................................................... 34 Figure 2.9 General Register Data Formats (2) ...................................................................... 35 Figure 2.10 Memory Data Formats ......................................................................................... 36 Figure 2.11 Instruction Formats (Examples)........................................................................... 48 Figure 2.12 Branch Address Specification in Memory Indirect Mode.................................... 52 Figure 2.13 State Transitions................................................................................................... 56 Section 3 MCU Operating Modes Figure 3.1 Address Map ........................................................................................................ 60 Figure 3.2 Address Map ........................................................................................................ 61 Section 4 Exception Handling Figure 4.1 Reset Sequence (Advanced Mode with On-chip ROM Enabled) ........................ 66 Figure 4.2 Reset Sequence (Advanced Mode with On-chip ROM Disabled: Cannot be Used in this LSI)................................................................................. 67 Figure 4.3 Stack Status after Exception Handling................................................................. 71 Figure 4.4 Operation when SP Value Is Odd ........................................................................ 72 Section 5 Interrupt Controller Figure 5.1 Block Diagram of Interrupt Controller ................................................................ 74 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |