Electronic Components Datasheet Search
  English  ▼

X  

H8S2282F Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # H8S2282F
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2282F Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button H8S2282F Datasheet HTML 92Page - Renesas Technology Corp H8S2282F Datasheet HTML 93Page - Renesas Technology Corp H8S2282F Datasheet HTML 94Page - Renesas Technology Corp H8S2282F Datasheet HTML 95Page - Renesas Technology Corp H8S2282F Datasheet HTML 96Page - Renesas Technology Corp H8S2282F Datasheet HTML 97Page - Renesas Technology Corp H8S2282F Datasheet HTML 98Page - Renesas Technology Corp H8S2282F Datasheet HTML 99Page - Renesas Technology Corp H8S2282F Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 615 page
background image
Section 4 Exception Handling
Rev. 3.00 Sep 26, 2006 page 64 of 580
REJ09B0148-0300
Table 4.2
Exception Handling Vector Table
Vector Address*
1
Exception Source
Vector Number
Normal Mode*
2
Advanced Mode
Power-on reset
0
H'0000 to H'0001
H'0000 to H'0003
Manual reset*
2
1
H'0002 to H'0003
H'0004 to H'0007
Reserved for system use
2
H'0004 to H'0005
H'0008 to H'000B
3
H'0006 to H'0007
H'000C to H'000F
4
H'0008 to H'0019
H'0010 to H'0013
Trace
5
H'000A to H'000B
H'0014 to H'0017
Interrupt (direct transitions)*
3
6
H'000C to H'000D
H'0018 to H'001B
Interrupt (NMI)
7
H'000E to H'000F
H'001C to H'001F
Trap instruction (#0)
8
H'0010 to H'0011
H'0020 to H'0023
(#1)
9
H'0012 to H'0013
H'0024 to H'0027
(#2)
10
H'0014 to H'0015
H'0028 to H'002B
(#3)
11
H'0016 to H'0017
H'002C to H'002F
Reserved for system use
12
H'0018 to H'0019
H'0030 to H'0033
13
H'001A to H'001B
H'0034 to H'0037
14
H'001C to H'001D
H'0038 to H'003B
15
H'001E to H'001F
H'003C to H'003F
External interrupt
IRQ0
16
H'0020 to H'0021
H'0040 to H'0043
IRQ1
17
H'0022 to H'0023
H'0044 to H'0047
IRQ2
18
H'0024 to H'0025
H'0048 to H'004B
IRQ3
19
H'0026 to H'0027
H'004C to H'004F
IRQ4
20
H'0028 to H'0029
H'0050 to H'0053
IRQ5
21
H'002A to H'002B
H'0054 to H'0057
Reserved for system use
22
H'002C to H'002D
H'0058 to H'005B
23
H'002E to H'002F
H'005C to H'005F
Internal interrupt*
4
24
127
H'0030 to H'0031
H'00FE to H'00FF
H'0060 to H'0063
H'01FC to H'01FF
Notes: 1. Lower 16 bits of the address.
2. Not available in this LSI.
3. For details on direct transitions, see section 20.10, Direct Transitions.
4. For details of internal interrupt vectors, see section 5.5, Interrupt Exception Handling
Vector Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com