Electronic Components Datasheet Search
  English  ▼

X  

H8S2282F Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # H8S2282F
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2282F Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button H8S2282F Datasheet HTML 91Page - Renesas Technology Corp H8S2282F Datasheet HTML 92Page - Renesas Technology Corp H8S2282F Datasheet HTML 93Page - Renesas Technology Corp H8S2282F Datasheet HTML 94Page - Renesas Technology Corp H8S2282F Datasheet HTML 95Page - Renesas Technology Corp H8S2282F Datasheet HTML 96Page - Renesas Technology Corp H8S2282F Datasheet HTML 97Page - Renesas Technology Corp H8S2282F Datasheet HTML 98Page - Renesas Technology Corp H8S2282F Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 615 page
background image
Section 4 Exception Handling
Rev. 3.00 Sep 26, 2006 page 63 of 580
REJ09B0148-0300
Section 4 Exception Handling
4.1
Exception Handling Types and Priority
As table 4.1 indicates, exception handling may be caused by a reset, trace, trap instruction, or
interrupt. Exception handling is prioritized as shown in table 4.1. If two or more exceptions occur
simultaneously, they are accepted and processed in order of priority. Exception sources, the stack
structure, and operation of the CPU vary depending on the interrupt control mode. For details on
the interrupt control mode, see section 5, Interrupt Controller.
Table 4.1
Exception Types and Priority
Priority
Exception Type
Start of Exception Handling
High
Reset
Starts immediately after a low-to-high transition at the
RES
pin, or when the watchdog timer overflows. The CPU enters
the reset state when the
RES pin is low.
Trace*
1
Starts when execution of the current instruction or exception
handling ends, if the trace (T) bit in the EXR is set to 1
Direct transition
Starts when a direction transition occurs as the result of
SLEEP instruction execution.
Interrupt
Starts when execution of the current instruction or exception
handling ends, if an interrupt request has been issued*
2
Low
Trap instruction*
3
Started by execution of a trap instruction (TRAPA)
Notes: 1. Traces are enabled only in interrupt control mode 2. Trace exception handling is not
executed after execution of an RTE instruction.
2. Interrupt detection is not performed on completion of ANDC, ORC, XORC, or LDC
instruction execution, or on completion of reset exception handling.
3. Trap instruction exception handling requests are accepted at all times in program
execution state.
4.2
Exception Sources and Exception Vector Table
Different vector addresses are assigned to different exception sources. Table 4.2 lists the exception
sources and their vector addresses. Since the usable modes differ depending on the product, for
details on each product, see section 3, MCU Operating Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com