Electronic Components Datasheet Search
  English  ▼

X  

H8S2282F Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # H8S2282F
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2282F Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button H8S2282F Datasheet HTML 93Page - Renesas Technology Corp H8S2282F Datasheet HTML 94Page - Renesas Technology Corp H8S2282F Datasheet HTML 95Page - Renesas Technology Corp H8S2282F Datasheet HTML 96Page - Renesas Technology Corp H8S2282F Datasheet HTML 97Page - Renesas Technology Corp H8S2282F Datasheet HTML 98Page - Renesas Technology Corp H8S2282F Datasheet HTML 99Page - Renesas Technology Corp H8S2282F Datasheet HTML 100Page - Renesas Technology Corp H8S2282F Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 615 page
background image
Section 4 Exception Handling
Rev. 3.00 Sep 26, 2006 page 65 of 580
REJ09B0148-0300
4.3
Reset
A reset has the highest exception priority.
When the
RES pin goes low, all processing halts and this LSI enters the reset. To ensure that this
LSI is reset, hold the
RES pin low for at least 20 ms at power-up. To reset the chip during
operation, hold the
RES pin low for at least 20 states. A reset initializes the internal state of the
CPU and the registers of on-chip peripheral modules.
The chip can also be reset by overflow of the watchdog timer. For details see section 9, Watchdog
Timer.
The interrupt control mode is 0 immediately after reset.
4.3.1
Reset Exception Handling
When the
RES pin goes high after being held low for the necessary time, this LSI starts reset
exception handling as follows:
1. The internal state of the CPU and the registers of the on-chip peripheral modules are
initialized, the T bit is cleared to 0 in EXR, and the I bit is set to 1 in EXR and CCR.
2. The reset exception handling vector address is read and transferred to the PC, and program
execution starts from the address indicated by the PC.
Figure 4.1 and figure 4.2 show examples of the reset sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com